Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/RV Datasheet(PDF) 19 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/RV
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/RV Datasheet(HTML) 19 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 51 page
background image
Pre-Production
WM8590
w
PP Rev 3.3 September 2005
19
Figure 11 Master Mode
AUDIO INTERFACE FORMATS
Audio data is applied to the internal DAC filters or output from the ADC filters, via the Digital Audio
Interface. 5 popular interface formats are supported:
•
Left Justified mode
•
Right Justified mode
•
I
2S mode
•
DSP Mode A
•
DSP Mode B
All 5 formats send the MSB first and support word lengths of 16, 20, 24 and 32 bits, with the
exception of 32 bit right justified mode, which is not supported.
In left justified, right justified and I
2S modes, the digital audio interface receives DAC data on the DIN
input and outputs ADC data on DOUT. Audio Data for each stereo channel is time multiplexed with
ADCLRC/DACLRC indicating whether the left or right channel is present. ADCLRC/DACLRC is also
used as a timing reference to indicate the beginning or end of the data words.
In left justified, right justified and I
2S modes; the minimum number of BCLKs per DACLRC/ADCLRC
period is 2 times the selected word length. ADCLRC/DACLRC must be high for a minimum of word
length BCLKs and low for a minimum of word length BCLKs. Any mark to space ratio on
ADCLRC/DACLRC is acceptable provided the above requirements are met.
In DSP Mode A or B, DACLRC is used as a frame sync signal to identify the MSB of the first word.
The minimum number of DACBCLKs per DACLRC period is 2 times the selected word length. Any
mark to space ratio is acceptable on DACLRC provided the rising edge is correctly positioned. The
ADC data may also be output in DSP Modes A or B, with ADCLRC used as a frame sync to identify
the MSB of the first word. The minimum number of ADCBCLKs per ADCLRC period is 2 times the
selected word length.
LEFT JUSTIFIED MODE
In left justified mode, the MSB of DIN is sampled by the WM8590 on the first rising edge of
DACBCLK following a DACLRC transition. The MSB of the ADC data is output on DOUT and
changes on the same falling edge of ADCBCLK as ADCLRC and may be sampled on the rising edge
of ADCBCLK. ADCLRC and DACLRC are high during the left samples and low during the right
samples (Figure 12).
ADCBCLK
DOUT
ADCLRC
DIN
DACLRC
WM8590
CODEC
DVD
Controller
DACBCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com