Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/RV Datasheet(PDF) 40 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/RV
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/RV Datasheet(HTML) 40 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/RV Datasheet HTML 36Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 51 page
background image
WM8590
Pre-Production
w
PP Rev 3.3 September 2005
40
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
3
ADCBCP
0
ADC BITCLK Polarity:
0: Normal – ADCLRC sampled on rising edge of
ADCBCLK; DOUT changes on falling edge of ADCBCLK
1: Inverted - ADCLRC sampled on falling edge of
ADCBCLK; DOUT changes on rising edge of ADCBCLK
5:4
ADCWL[1:0]
10
ADC Input Word Length:
00: 16-bit mode
01: 20-bit mode
10: 24-bit mode
11: 32-bit mode (not supported in right justified mode)
6
ADCMCLKINV
0
ADCMCLK Polarity:
0: non-inverted
1: inverted
7
DACSYNCEN
0
Enable the DAC synchronizer:
0: Disabled
1: Enabled
8
ADCHPD
0
ADC High Pass Filter Powerdown:
0: HP Filter Enabled
1: HP Filter Disabled
2:0
ADCRATE[2:0]
010
Master Mode ADCMCLK:ADCLRC Ratio Select:
010: 256fs
011: 384fs
100: 512fs
101: 768fs
3
ADCOSR
0
ADC Oversample Rate Select:
0: 128x oversampling
1: 64x oversampling
6:4
DACRATE[2:0]
010
Master Mode DACMCLK:DACLRC Ratio Select:
000: 128fs
001: 192fs
010: 256fs
011: 384fs
100: 512fs
101: 768fs
7
DACMS
0
DAC Master/Slave Interface Mode Select:
0: Slave Mode – DACLRC and DACBCLK are inputs
1: Master Mode –DACLRC and DACBCLK are outputs
R12 (0Ch)
0001100
Master Mode
Control
8
ADCMS
1
ADC Master/Slave Interface Mode Select:
0: Slave Mode – ADCLRC and ADCBCLK are inputs
1: Master Mode – ADCLRC and ADCBCLK are outputs
0
PDWN
0
Chip Powerdown Control (works in tandem with ADCPD and
DACPD):
0: All circuits running, outputs are active
1: All circuits in power save mode, outputs muted
1
ADCPD
0
ADC Powerdown:
0: ADC enabled
1: ADC disabled
R13 (0Dh)
0001101
PWR Down
Control
2
DACPD
0
DAC Powerdown:
0: DAC enabled
1: DAC disabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com