Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/RV Datasheet(PDF) 25 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/RV
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/RV Datasheet(HTML) 25 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 29Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 51 page
background image
Pre-Production
WM8590
w
PP Rev 3.3 September 2005
25
A number of options are available to control how data from the Digital Audio Interface is applied to
the DAC.
MASTER MODES
Control bit ADCMS selects between audio interface Master and Slave Modes for ADC. In ADC
Master mode ADCLRC and ADCBCLK are outputs and are generated by the WM8590. In Slave
mode ADCLRC and ADCBCLK are inputs to WM8590.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
0001100
Interface Control
8
ADCMS
1
Audio Interface Master/Slave Mode
select for ADC:
0 : Slave Mode
1: Master Mode
Control bit DACMS selects between audio interface Master and Slave Modes for the DAC. In DAC
Master mode DACLRC and DACBCLK are outputs and are generated by the WM8590. In Slave
mode DACLRC and DACBCLK are inputs to WM8590.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
0001100
Interface Control
7
DACMS
0
Audio Interface Master/Slave Mode
select for DAC:
0 : Slave Mode
1: Master Mode
MASTER MODE ADCLRC/DACLRC FREQUENCY SELECT
In ADC Master mode the WM8590 generates ADCLRC and ADCBCLK, in DAC master mode the
WM8590 generates DACLRC and DACBCLK. These clocks are derived from the master clock
(ADCMCLK or DACMCLK). The ratios of ADCMCLK to ADCLRC and DACMCLK to DACLRC are
set by ADCRATE and DACRATE respectively.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2:0
ADCRATE[2:0]
010
Master Mode MCLK:ADCLRC
Ratio Select:
010: 256fs
011: 384fs
100: 512fs
101: 768fs
R12 (0Ch)
0001100
ADCLRC and DACLRC
Frequency Select
6:4
DACRATE[2:0]
010
Master Mode MCLK:DACLRC
Ratio Select:
000: 128fs
001: 192fs
010: 256fs
011: 384fs
100: 512fs
101: 768fs
ADC OVERSAMPLING RATE SELECT
For ADC operation at 96kHz it is recommended that the user set the ADCOSR bit. This changes the
ADC signal processing oversample rate to 64fs. Operation is explained further in Table 5.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R12 (0Ch)
0001100
ADC Oversampling Rate
3
ADCOSR
0
ADC Oversampling Rate Select
0: 128x oversampling
1: 64x oversampling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com