Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/RV Datasheet(PDF) 44 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/RV
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/RV Datasheet(HTML) 44 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 46Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 47Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 48Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 44 / 51 page
background image
WM8590
Pre-Production
w
PP Rev 3.3 September 2005
44
DIGITAL FILTER CHARACTERISTICS
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
ADC Filter
±0.01 dB
0
0.4535fs
Passband
-6dB
0.5fs
Passband ripple
±0.01
dB
Stopband
0.5465fs
Stopband Attenuation
f > 0.5465fs
-65
dB
Group Delay
22
fs
DAC Filter
±0.05 dB
0.454fs
Passband
-3dB
0.487 fs
Passband ripple
f < 0.444fs
±0.05
dB
Stopband
0.555fs
Stopband Attenuation
f > 0.555fs
-60
dB
Group Delay
19
fs
Table 11 Digital Filter Characteristics



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com