Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/RV Datasheet(PDF) 21 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/RV
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/RV Datasheet(HTML) 21 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 51 page
background image
Pre-Production
WM8590
w
PP Rev 3.3 September 2005
21
I
2S MODE
In I
2S mode, the MSB of DIN is sampled by the WM8590 on the second rising edge of DACBCLK
following a DACLRC transition. The MSB of the ADC data is output on DOUT and changes on the
first falling edge of ADCBCLK following an ADCLRC transition and may be sampled on the rising
edge of ADCBCLK. ADCLRC and DACLRC are low during the left samples and high during the right
samples.
LEFT CHANNEL
RIGHT CHANNEL
DACLRC/
ADCLRC
DACBCLK/
ADCBCLK
DIN/
DOUT
1/fs
n
3
2
1
n-2 n-1
LSB
MSB
n
3
2
1
n-2 n-1
LSB
MSB
1 BCLK
1 BCLK
Figure 14 I
2S Mode Timing Diagram
DSP MODES
In DSP/PCM mode, the left channel MSB is available on either the 1
st (mode B) or 2nd (mode A)
rising edge of BCLK (selectable by LRP) following a rising edge of LRC. Right channel data
immediately follows left channel data. Depending on word length, BCLK frequency and sample rate,
there may be unused BCLK cycles between the LSB of the right channel data and the next sample.
In device master mode, the LRC output will resemble the frame pulse shown in Figure 15 and Figure
16. In device slave mode, Figure 17 and Figure 18, it is possible to use any length of frame pulse
less than 1/fs, providing the falling edge of the frame pulse occurs greater than one BCLK period
before the rising edge of the next frame pulse.
Figure 15 DSP/PCM Mode Audio Interface (mode A, LRP=0, Master)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com