Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/RV Datasheet(PDF) 18 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/RV
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/RV Datasheet(HTML) 18 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/RV Datasheet HTML 14Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 15Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 16Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 17Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 18Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 51 page
background image
WM8590
Pre-Production
w
PP Rev 3.3 September 2005
18
In a real application the designer is unlikely to have control of the relative power up sequence of
AVDD and DVDD. Using the POR circuit to monitor VMID ensures a reasonable delay between
applying power to the device and Device Ready.
Figure 8 and Figure 9 show typical power up scenarios in a real system. Both AVDD and DVDD must
be established and VMID must have reached the threshold Vporr before the device is ready and can
be written to. Any writes to the device before Device Ready will be ignored.
Figure 8 shows DVDD powering up before AVDD. Figure 9 shows AVDD powering up before DVDD.
In both cases, the time from applying power to Device Ready is dominated by the charge time of
VMID.
A 10uF cap is recommended for decoupling on VMID. The charge time for VMID will dominate the
time required for the device to become ready after power is applied. The time required for VMID to
reach the threshold is a function of the VMID resistor string and the decoupling capacitor. The
Resistor string has an typical equivalent resistance of 50kohm (+/-20%). Assuming a 10uF capacitor,
the time required for VMID to reach threshold of 1V is approx 110ms.
DIGITAL AUDIO INTERFACE
MASTER AND SLAVE MODES
The audio interface operates in either Slave or Master mode, selectable using the MS control bit. In
both Master and Slave modes DIN is always an input to the WM8590 and DOUT is always an output.
The default is Slave mode.
In Slave mode (MS=0) ADCLRC, DACLRC, ADCBCLK and DACBCLK are inputs to the WM8590
(Figure 10). DIN and DACLRC are sampled by the WM8590 on the rising edge of DACBCLK,
ADCLRC is sampled on the rising edge of ADCBCLK. ADC data is output on DOUT and changes on
the falling edge of ADCBCLK. By setting control bits ADCBCP or DACBCP the polarity of ADCBCLK
and DACBCLK may be reversed so that DIN and DACLRC are sampled on the falling edge of
DACBCLK, ADCLRC is sampled on the falling edge of ADCBCLK and DOUT changes on the rising
edge of ADCBCLK.
Figure 10 Slave Mode
In Master mode (MS=1) ADCLRC, DACLRC, ADCBCLK and DACBCLK are outputs from the
WM8590 (Figure 11). ADCLRC, DACLRC, ADCBCLK and DACBCLK are generated by the WM8590.
DIN is sampled by the WM8590 on the rising edge of DACBCLK so the controller must output DAC
data that changes on the falling edge of DACBCLK. ADC data is output on DOUT and changes on
the falling edge of ADCBCLK. By setting control bits ADCBCP and DACBCP, the polarity of
ADCBCLK and DACBCLK may be reversed so that DIN is sampled on the falling edge of DACBCLK
and DOUT changes on the rising edge of ADCBCLK.
ADCBCLK
DOUT
ADCLRC
DIN
DACLRC
WM8590
CODEC
DVD
Controller
DACBCLK



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com