Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/RV Datasheet(PDF) 41 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/RV
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/RV Datasheet(HTML) 41 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/RV Datasheet HTML 37Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 38Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 39Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 40Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 41Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 42Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 43Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 44Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 45Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 51 page
background image
Pre-Production
WM8590
w
PP Rev 3.3 September 2005
41
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
7:0
LAG[7:0]
11001111
(0dB)
Attenuation Data for Left Channel ADC Gain in 0.5dB Steps:
00000000 : digital mute
00000001 : -103dB
………..
11001111 : 0dB
…………
11111110 : +23.5dB
11111111 : +24dB
R14 (0Eh)
0001110
Attenuation
ADCL
8
ZCLA
0
Left ADC Zero Cross Enable:
0: Zero cross disabled
1: Zero cross enabled
7:0
RAG[7:0]
11001111
(0dB)
Attenuation Data for Right Channel ADC Gain in 0.5dB Steps:
00000000 : digital mute
00000001 : -103dB
………..
11001111 : 0dB
…………
11111110 : +23.5dB
11111111 : +24dB
R15 (0Fh)
0001111
Attenuation
ADCR
8
ZCRA
0
Right ADC Zero Cross Enable:
0: Zero cross disabled
1: Zero cross enabled
3:0
LCT[3:0]
1110
(-1.5dB)
Limiter Threshold/ALC Target Level in 1.5dB Steps:
0000: -22.5dB FS
0001: -21dB FS
…
1101: -3dB FS
1110: -1.5dB FS
1111: 0dB FS
6:4
MAXGAIN[2:0]
111 (+24dB)
Set Maximum Gain of PGA:
111 : +24dB
110 : +20dB
….(-4dB steps)
010 : +4dB
001 : 0dB
000 : 0dB
R16 (10h)
0010000
ALC Control 1
8:7
LCSEL[1:0]
11
(Stereo)
LC Function Select
00 = Disabled
01 = Right channel only
10 = Left channel only
11 = Stereo
7
ALCZC
1
(zero cross on)
ALC Uses Zero Cross Detection Circuit.
R17 (11h)
0010001
ALC Control 2
8
LCMODE
1
ALC/Limiter Select:
0 = ALC Mode
1 = Limiter Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com