Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/RV Datasheet(PDF) 24 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/RV
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/RV Datasheet(HTML) 24 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 28Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 51 page
background image
WM8590
Pre-Production
w
PP Rev 3.3 September 2005
24
CONTROL INTERFACE REGISTERS
DIGITAL AUDIO INTERFACE CONTROL REGISTER
Interface format is selected via the FMT[1:0] register bits:
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
1:0
DACFMT
[1:0]
01
R11 (0Bh)
0001011
ADC Interface Control
1:0
ADCFMT
[1:0]
01
Interface format Select
00 : right justified mode
01: left justified mode
10: I
2S mode
11: DSP mode A or B
In left justified, right justified or I
2S modes, the LRP register bit controls the polarity of
ADCLRC/DACLRC. If this bit is set high, the expected polarity of ADCLRC/DACLRC will be the
opposite of that shown Figure 12, Figure 13, etc. Note that if this feature is used as a means of
swapping the left and right channels, a 1 sample phase difference will be introduced. In DSP modes,
the LRP register bit is used to select between modes A and B.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
2
DACLRP
0
R11 (0Bh)
0001011
ADC Interface Control
2
ADCLRP
0
In left/right/ I
2S modes:
ADCLRC/DACLRC Polarity (normal)
0 : normal ADCLRC/DACLRC
polarity
1: inverted ADCLRC/DACLRC
polarity
In DSP mode:
0 : DSP mode A
1: DSP mode B
By default, ADCLRC, DACLRC and DIN are sampled on the rising edge of ADCBCLK and
DACBCLK
and should ideally change on the falling edge. Data sources that change
ADCLRC/DACLRC and DIN on the rising edge of ADCBCLK/DACBCLK can be supported by setting
the BCP register bit. Setting BCP to 1 inverts the polarity of BCLK to the inverse of that shown in
Figure 12, Figure 13, etc.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
3
DACBCP
0
R11 (0Bh)
0001011
ADC Interface Control
3
ADCBCP
0
BCLK Polarity (DSP modes)
0 : normal BCLK polarity
1: inverted BCLK polarity
The WL[1:0] bits are used to control the input word length.
REGISTER ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R10 (0Ah)
0001010
DAC Interface Control
5:4
DACWL
[1:0]
10
R11 (0Bh)
0001011
ADC Interface Control
5:4
ADCWL
[1:0]
10
Word Length
00 : 16 bit data
01: 20 bit data
10: 24 bit data
11: 32 bit data
Note: If 32-bit mode is selected in right justified mode, the WM8590 defaults to 24 bits.
In all modes, the data is signed 2’s complement. The digital filters always input 24-bit data. If the
DAC is programmed to receive 16 or 20 bit data, the WM8590 pads the unused LSBs with zeros. If
the DAC is programmed into 32 bit mode, the 8 LSBs are ignored.
Note: In 24 bit I
2S mode, any width of 24 bits or less is supported provided that ADCLRC/DACLRC is
high for a minimum of 24 BCLKs and low for a minimum of 24 BCLKs.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com