Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

WM8590GEDS/RV Datasheet(PDF) 23 Page - Wolfson Microelectronics plc

Part # WM8590GEDS/RV
Description  24-bit, 192kHz Stereo CODEC
PDF  51 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8590GEDS/RV Datasheet(HTML) 23 Page - Wolfson Microelectronics plc

Back Button WM8590GEDS/RV Datasheet HTML 19Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 20Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 21Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 22Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 23Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 24Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 25Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 26Page - Wolfson Microelectronics plc WM8590GEDS/RV Datasheet HTML 27Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 51 page
background image
Pre-Production
WM8590
w
PP Rev 3.3 September 2005
23
CONTROL INTERFACE OPERATION
The WM8590 is controlled by writing to registers through a serial control interface. A control word
consists of 16 bits. The first 7 bits (B15 to B9) are address bits that select which control register is
accessed. The remaining 9 bits (B8 to B0) are data bits, corresponding to the 9 bits in each control
register. The control interface operates as a 3-wire MPU interface.
3-WIRE (SPI COMPATIBLE) SERIAL CONTROL
While CE is low, every rising edge of CL clocks in one data bit from the DI pin. A rising edge on CE
latches in a complete control word consisting of the last 16 bits. The 3-wire interface protocol is
shown in Figure 19.
Figure 19 3-wire SPI Compatible Interface
1.
B[15:9] are Control Address Bits
2.
B[8:0] are Control Data Bits
3.
CE is edge sensitive – the data is latched on the rising edge of CE.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com