Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT811Q-R Datasheet(PDF) 28 Page - Bridgetek Pte Ltd.

Part # FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Datasheet(HTML) 28 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 24Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 25Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 26Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 27Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 28Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 63 page
background image
Copyright © Bridgetek Pte Ltd
28
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
1
0
0
0
B[7:2]
R[7:2]
G[7:2]
B[7:0]
R[7:0]
G[7:0]
1
0
0
1
B[2:7]
R[2:7]
G[2:7]
B[0:7]
R[0:7]
G[0:7]
1
0
1
0
G[7:2]
R[7:2]
B[7:2]
G[7:0]
R[7:0]
B[7:0]
1
0
1
1
G[2:7]
R[2:7]
B[2:7]
G[0:7]
R[0:7]
B[0:7]
1
1
0
0
G[7:2]
B[7:2]
R[7:2]
G[7:0]
B[7:0]
R[7:0]
1
1
0
1
G[2:7]
B[2:7]
R[2:7]
G[0:7]
B[0:7]
R[0:7]
1
1
1
0
R[7:2]
B[7:2]
G[7:2]
R[7:0]
B[7:0]
G[7:0]
1
1
1
1
R[2:7]
B[2:7]
G[2:7]
R[0:7]
B[0:7]
G[0:7]
Table 4-12 REG_SWIZZLE RGB Pins Mapping
REG_HCYCLE, REG_HSIZE, REG_HOFFSET, REG_HSYNC0 and REG_HSYNC1 define the LCD horizontal
timings. Each register has 12 bits to allow programmable range of 0-4095 PCLK cycles. REG_VCYCLE,
REG_VSIZE, REG_VOFFSET, REG_VSYNC0 and REG_VSYNC1 define the LCD vertical timings. Each
register has 12 bits to allow programmable range of 0-4095 lines.
Register
Display
Parameter
Description
REG_HCYCLE
TH
Total length of line (visible and non-visible) (in PCLKs)
REG_HSIZE
THD
Length of visible part of line (in PCLKs)
REG_HOFFSET
THF + THP + THB
Length of non-visible part of line (in PCLK cycles)
REG_HSYNC0
THF
Horizontal Front Porch (in PCLK cycles)
REG_HSYNC1
THF + THP
Horizontal Front Porch plus Hsync Pulse width (in PCLK
cycles)
REG_VCYCLE
TV
Total number of lines (visible and non-visible) (in lines)
REG_VSIZE
TVD
Number of visible lines (in lines)
REG_VOFFSET
TVF + TVP + TVB
Number of non-visible lines (in lines)
REG_VSYNC0
TVF
Vertical Front Porch (in lines)
REG_VSYNC1
TVF + TVP
Vertical Front Porch plus Vsync Pulse width (in lines)
Table 4-13 Registers for RGB horizontal and vertical timings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com