Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT811Q-R Datasheet(PDF) 35 Page - Bridgetek Pte Ltd.

Part # FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Datasheet(HTML) 35 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 63 page
background image
Copyright © Bridgetek Pte Ltd
35
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
4.7.3
Compatibility mode
The CTSE reads the X and Y coordinates from the CTPM and writes to register REG_CTOUCH_RAW_XY. If
the touch screen is not being pressed, both registers read 65535 (FFFFh).
These touch values are transformed into screen coordinates using the matrix in registers
REG_CTOUCH_TRANSFORM_A-F.
The
post-transform
coordinates
are
available
in
register
REG_CTOUCH_SCREEN_XY. If the touch screen is not being pressed, both registers read -32768 (8000h).
The values for REG_CTOUCH_TRANSFORM_A-F may be computed using an on-screen calibration process.
If the screen is being touched, the screen coordinates are looked up in the screen's tag buffer, delivering
a final 8-bit tag value, in REG_TOUCH_TAG. Because the tag lookup takes a full frame, and touch
coordinates change continuously, the original (x; y) used for the tag lookup is also available in
REG_TOUCH_TAG_XY.
4.7.4
Extended mode
Setting REG_CTOUCH_EXTENDED to 1b’0 enables extended mode. In extended mode a new set of
readout registers are available, allowing gestures and up to five touches to be read. There are two
classes of registers: control registers and status registers. Control registers are written by the MCU.
Status registers can be read out by the MCU and the FT81x’s hardware tag system.
The five touch coordinates are packed in REG_CTOUCH_TOUCH0_XY, REG_CTOUCH_TOUCH1_XY,
REG_CTOUCH_TOUCH2_XY, REG_CTOUCH_TOUCH3_XY, REG_CTOUCH4_X and REG_CTOUCH4_Y.
Coordinates stored in these registers are signed 16-bit values, so have range -32768 to 32767. The no-
touch condition is indicated by x=y= -32768. These coordinates are already transformed into screen
coordinates based on the raw data read from the CTPM, using the matrix in registers
REG_CTOUCH_TRANSFORM_A-F. To obtain raw (x,y) coordinates read from CTPM, the user sets the
REG_CTOUCH_TRANSFORM_A-F registers to the identity matrix.
The FT81x tag mechanism is implemented by hardware, where up to 5 tags can be looked up.
4.7.5
Short-circuit protection
For resistive touch it is useful to protect the chip from permanent damage due to potential short-circuits
on the 4 XY lines. When a short circuit on the touch screen happens, the FT81x can detect it and stop the
touch detection operation, leaving the 4 XY pins in the high impedance state.
The short-circuit protection can be enabled/disabled by the REG_TOUCH_CONFIG.
4.7.6
Capacitive touch configuration
On capacitive touch system some users may need to adjust the CTPM default values, such as the
registers affecting touch sensitivity. To do this the following sequence shall be executed once after chip
reset:
-
Hold the touch engine in reset (set REG_CPURESET = 2)
-
Write the CTPM configure register address and value to FT81x designated memory location
-
Up to 10 register address/value can be added
-
Release the touch engine reset (set REG_CPURESET = 0)
The CTPM can be enabled in low power state when the touch function is not required by the application.
Setting the low-power bit in REG_TOUCH_CONFIG will enable the low power mode of the CTPM. When
the low-power bit is cleared, the FT81x touch engine will send a reset to the CTPM, thus re-enabling the
touch detection function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com