Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT811Q-R Datasheet(PDF) 38 Page - Bridgetek Pte Ltd.

Part # FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Datasheet(HTML) 38 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 63 page
background image
Copyright © Bridgetek Pte Ltd
38
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
Figure 4-11 Power State Transition
4.8.3.1
ACTIVE state
In ACTIVE state, the FT81x is in normal operation. The clock oscillator and PLL are functioning. The
system clock applied to the FT81x core engines is enabled.
4.8.3.2
STANDBY state
In STANDBY state, the clock oscillator and PLL remain functioning; the system clock applied to the FT81x
core engines is disabled. All register contents are retained.
4.8.3.3
SLEEP state
In SLEEP state, the clock oscillator, PLL and system clock applied to the FT81x core engines are disabled.
All register contents are retained.
4.8.3.4
POWERDOWN state
In POWERDOWN state, the clock oscillator, the PLL and the system clock applied to the FT81x core is
disabled. The core engines are powered down while the SPI interface for host commands remains
functional. All register contents are lost and reset to default when the chip is next switched on. The
internal regulator remains on.
4.8.3.5
Wake up to ACTIVE from other power states
When in the POWER DOWN state, if the device enters this state via an SPI command, then only the SPI
ACTIVE command will bring the device back to the ACTIVE state, provided PD_N pin is also high.
However, if PD_N is used instead, then making PD_N high followed by a SPI ACTIVE command will wake
up the device. Upon exiting this state, the device will perform a global reset, and will go through the
same power up sequence. All settings from SPI commands will be reset except those that pertain to pin
states during power down. The clock enable sequence mentioned in section 4.2.3 shall be executed to
properly select and enable the system clock.
POWERDOWN
SLEEP
STANDBY
VCC/VCCIO
Power ON
Toggle PD_N from high
to low
ACTIVE
Toggle PD_N from low
to high
Toggle PD_N from high
to low
Toggle PD_N from high to low or
Write command
“POWERDOWN”
Write command “STANDBY”
Write command
“SLEEP”
Write command
“ACTIVE”
Write command
“ACTIVE”



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com