Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT811Q-R Datasheet(PDF) 53 Page - Bridgetek Pte Ltd.

Part # FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Datasheet(HTML) 53 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 50Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 51Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 52Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 53Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 54Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 55Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 56Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 57Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 63 page
background image
Copyright © Bridgetek Pte Ltd
53
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
7 Application Examples
Figure 7-1 FT812 application circuit
Figure 7-2 FT813 application circuit
GND
B0
B1
B2
B3
B4
B5
B6
B7
R0
R1
PCLK
DISP
HSYNC
VSYNC
DE
GND
GND
Y1
12MHz
C8
18pF
C7
18pF
C1
4.7uF
C6
0.1uF
GND
C2
0.1uF
D3V3
VOUT1V2
C4
0.1uF
GND
D3V3
C3
0.1uF
C5
0.1uF
R2
R3
R4
R5
R6
R7
G2
G3
G4
G5
G6
G7
B2
B3
B4
B5
B6
B7
R1
33R
R2
33R
R3
33R
R4
33R
R5
33R
R6
33R
R7
33R
R8
33R
R9
33R
R10
33R
R11
33R
R12
33R
R14
33R
R15
33R
R16
33R
R17
33R
R18
33R
R13
33R
R19
33R
R21
33R
R22
33R
R23
33R
R20
33R
R0
R1
G0
G1
B0
B1
R24
33R
R25
33R
R26
33R
R27
33R
R28
33R
R29
33R
PCLK
DISP
HSYNC
VSYNC
DE
LEDK
LEDA
GND
D3V3
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
26
26
27
27
28
28
29
29
30
30
31
31
32
32
33
33
34
34
35
35
36
36
37
37
38
38
39
39
40
40
0
0
0
0
J1
0.5B-40PBS
VLED-
VLED+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
HSYNC
VSYNC
PCLK
DISP
NC
VDD
X1
Y1
X2
DE
GND
GND
Y2
R0
R1
R2
R3
R4
R5
R6
R7
G0
G1
G2
G3
G4
G5
G6
G7
B0
B1
B2
B3
B4
B5
B6
B7
GND
[Left]
[Right]
[Bottom]
[Top]
LCD1
YM
XM
YP
XP
AUD_PWM
SPI_INT#
SPI_PD#
SPI_IO3
SPI_IO2
SPI_CS#
SPI_MISO
SPI_MOSI
QSPI master
AUD_PD#
SPI_SCK
MCU
AUDIO_L
3
GND
4
SCK
5
MISO/IO1
6
MOSI/IO0
7
CS_N
8
GPIO0/IO2
9
GPIO1/IO3
10
VCCIO1
11
GPIO2
12
INT_N
13
PD_N
14
DE
29
VSYNC
30
HSYNC
31
DISP
32
PCLK
33
B7
34
B6
35
B5
36
B4
37
B3
38
B2
39
GND
42
R1
1
R0
2
B0
41
B1
40
U1
IC_FT812Q
GND
B0
B1
B2
B3
B4
B5
B6
B7
R0
R1
PCLK
DISP
HSYNC
VSYNC
DE
GND
GND
Y1
12MHz
C8
18pF
C7
18pF
C1
4.7uF
C6
0.1uF
GND
C2
0.1uF
D3V3
VOUT1V2
C4
0.1uF
GND
D3V3
C3
0.1uF
C5
0.1uF
R2
R3
R4
R5
R6
R7
G2
G3
G4
G5
G6
G7
B2
B3
B4
B5
B6
B7
R1
33R
R2
33R
R3
33R
R4
33R
R5
33R
R6
33R
R7
33R
R8
33R
R9
33R
R10
33R
R11
33R
R12
33R
R14
33R
R15
33R
R16
33R
R17
33R
R18
33R
R13
33R
R19
33R
R21
33R
R22
33R
R23
33R
R20
33R
R0
R1
G0
G1
B0
B1
R24
33R
R25
33R
R26
33R
R27
33R
R28
33R
R29
33R
PCLK
DISP
HSYNC
VSYNC
DE
LEDK
LEDA
GND
D3V3
1
1
2
2
3
3
4
4
5
5
6
6
7
7
8
8
9
9
10
10
11
11
12
12
13
13
14
14
15
15
16
16
17
17
18
18
19
19
20
20
21
21
22
22
23
23
24
24
25
25
26
26
27
27
28
28
29
29
30
30
31
31
32
32
33
33
34
34
35
35
36
36
37
37
38
38
39
39
40
40
0
0
0
0
J1
0.5B-40PBS
VLED-
VLED+
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
HSYNC
VSYNC
PCLK
DISP
NC
VDD
X1
Y1
X2
DE
GND
GND
Y2
R0
R1
R2
R3
R4
R5
R6
R7
G0
G1
G2
G3
G4
G5
G6
G7
B0
B1
B2
B3
B4
B5
B6
B7
GND
[Left]
[Right]
[Bottom]
[Top]
LCD1
AUD_PWM
SPI_INT#
SPI_PD#
SPI_IO3
SPI_IO2
SPI_CS#
SPI_MISO
SPI_MOSI
QSPI master
AUD_PD#
SPI_SCK
1
1
2
2
3
3
4
4
5
5
6
6
0
0
0
0
J2
CN_6Pin_FPC Bottom
GND
CTP_SDA
CTP_SCL
CTP_RST#
CTP_INT#
D3V3
R32
1k
R31
1k
R30
4.7k
MCU
AUDIO_L
3
GND
4
SCK
5
MISO/IO1
6
MOSI/IO0
7
CS_N
8
GPIO0/IO2
9
GPIO1/IO3
10
VCCIO1
11
GPIO2
12
INT_N
13
PD_N
14
DE
29
VSYNC
30
HSYNC
31
DISP
32
PCLK
33
B7
34
B6
35
B5
36
B4
37
B3
38
B2
39
GND
42
R1
1
R0
2
B0
41
B1
40
U1
FT813Q



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com