Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT811Q-R Datasheet(PDF) 37 Page - Bridgetek Pte Ltd.

Part # FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Datasheet(HTML) 37 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 63 page
background image
Copyright © Bridgetek Pte Ltd
37
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
Figure 4-10 Internal regulator
4.8.3
Power Modes
When the supply to VCCIO and VCC is applied, the internal regulator is powered by VCC. An internal POR
pulse will be generated during the regulator power up until it is stable. After the initial power up, the
FT81x will stay in the SLEEP state. When needed, the host can set the FT81x to the ACTIVE state by
performing a SPI ACTIVE command. The graphics engine, the audio engine and the touch engine are only
functional in the ACTIVE state. To save power the host can send a command to put the FT81x into any of
the low power modes: STANDBY, SLEEP and POWERDOWN. In addition, the host is allowed to put the
FT81x in POWERDOWN mode by driving the PD_N pin to low, regardless of what state it is currently in.
Refer to
Figure 4-11 for the power state transitions.
VCC
PD_N
VOUT1V2
VCC
GND
GND
GND
VCCIO1
C1
R1
C2
10uF
100nF
GND
C3
4.7uF
47k
FT81x



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com