Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT811Q-R Datasheet(PDF) 10 Page - Bridgetek Pte Ltd.

Part # FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Datasheet(HTML) 10 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 6Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 7Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 8Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 9Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 63 page
background image
Copyright © Bridgetek Pte Ltd
10
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
Pin Number
Pin Name
Type
Description
FT810
FT811
FT812
FT813
Powered from pin VCC.
14
14
17
17
X2
O
Crystal oscillator output; leave open if not used.
Powered from pin VCC.
15
15
18
18
GND
P
Ground
16
16
19
19
VCC
P
3.3V power supply input.
17
17
20
20
VOUT1V2
O
1.2V regulator output pin. Connect a 4.7uF
decoupling capacitor to GND.
18
18
21
21
VCC
P
3.3V power supply input.
22
22
VCCIO2
P
I/O power supply for RGB and touch pins.
For QFN-48 package, VCCIO2 is bonded together with
VCC pin;
For QFN-56 package, VCCIO2 is separate from VCC
pin. VCCIO2 supports 1.8V, 2.5V or 3.3V. VCCIO2
can be connected to different voltage with VCCIO1.
19
23
XP
AI/O
Connect to X right electrode of 4-wire resistive touch-
screen panel.
Powered from pin VCCIO2.
20
24
YP
AI/O
Connect to Y top electrode of 4-wire resistive touch-
screen panel.
Powered from pin VCCIO2.
21
25
XM
AI/O
Connect to X left electrode of 4-wire resistive touch-
screen panel.
Powered from pin VCCIO2.
22
26
YM
AI/O
Connect to Y bottom electrode of 4-wire resistive
touch-screen panel.
Powered from pin VCCIO2.
-
19
-
23
CTP_RST_N
O
Connect to reset pin of the CTPM.
Powered from pin VCCIO2.
-
20
-
24
CTP_INT_N
I
Connect to interrupt pin of the CTPM.
Powered from pin VCCIO2.
-
21
-
25
CTP_SCL
I/OD
Connect to I2C SCL pin of the CTPM.
Powered from pin VCCIO2.
-
22
-
26
CTP_SDA
I/OD
Connect to I2C SDA pin of the CTPM.
Powered from pin VCCIO2.
23
23
27
27
GND
P
Ground
24
24
28
28
BACKLIGHT
O
LED Backlight brightness PWM control signal.
Powered from pin VCCIO2.
25
25
29
29
DE
O
LCD Data Enable.
Powered from pin VCCIO2.
26
26
30
30
VSYNC
O
LCD Vertical Sync.
Powered from pin VCCIO2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com