Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT811Q-R Datasheet(PDF) 45 Page - Bridgetek Pte Ltd.

Part # FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Datasheet(HTML) 45 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 41Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 42Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 43Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 44Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 45Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 46Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 47Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 48Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 49Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 63 page
background image
Copyright © Bridgetek Pte Ltd
45
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
Address
(hex)
Register Name
Bit
s
r/
w
Reset
value
Description
302154h
REG_TOUCH_TRANSFORM_B
32
r/w
00000000h
Touch-screen transform coefficient
(s15.16)
302158h
REG_TOUCH_TRANSFORM_C
32
r/w
00000000h
Touch-screen transform coefficient
(s15.16)
30215Ch
REG_TOUCH_TRANSFORM_D
32
r/w
00000000h
Touch-screen transform coefficient
(s15.16)
302160h
REG_TOUCH_TRANSFORM_E
32
r/w
00010000h
Touch-screen transform coefficient
(s15.16)
302164h
REG_TOUCH_TRANSFORM_F
32
r/w
00000000h
Touch-screen transform coefficient
(s15.16)
302168h
REG_TOUCH_CONFIG
16
r/w
8381h(FT81
0/FT812)
0381h(FT81
1/FT813)
Touch configuration.
RTP/CTP select
RTP: short-circuit, sample clocks
CTP: I2C address, CTPM type, low-power
mode
30216Ch
REG_CTOUCH_TOUCH4_X
16
r/o
-
Extended mode: touch-screen screen X
data for touch 4
302170h
Reserved
-
-
-
Reserved
302174h
REG_BIST_EN
1
r/w
0
BIST memory mapping enable
302178h
Reserved
-
-
-
Reserved
30217Ch
Reserved
-
-
-
Reserved
302180h
REG_TRIM
8
r/w
0
Internal relaxation clock trimming
302184h
REG_ANA_COMP
8
r/w
0
Analogue control register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com