Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT811Q-R Datasheet(PDF) 14 Page - Bridgetek Pte Ltd.

Part # FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Datasheet(HTML) 14 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 10Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 11Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 12Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 13Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 14Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 15Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 16Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 17Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 18Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 63 page
background image
Copyright © Bridgetek Pte Ltd
14
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
Figure 4-1 SPI master and slave in the master read case
In the DUAL channel mode, MISO (MSB) and MOSI are used while in the QUAD channel mode. IO3
(MSB), IO2, MISO and MOSI are used.
Figure 4-2 illustrates a direct connection to a 1.8-3.3V IO MPU/MCU with single or dual SPI interface.
Figure 4-3 illustrates a direct connection to a 1.8-3.3V IO MPU/MCU with Quad SPI interface.
Figure 4-2 Single/Dual SPI Interface connection
SPI Master drives
the data bus
SS
WR /
Addr2
Addr
1
Addr
2
Dum
my
Data
X
Data
Y
Data
0
SPI Slave drives the
data bus
Bus not
driven
SPI Master changes
data ports into inputs
SPI Slave changes
data ports into outputs
SPI Slave resets data
ports into inputs
GND
GND
SS#
MISO
MOSI
SCLK
PD#
INT#
CS_N
MISO/IO1
MOSI/IO0
SCK
PD_N
INT_N
FT81x
1.8-3.3V
VCCIO1
3.3V
VCC
4.7k
MPU/MCU



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com