Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT811Q-R Datasheet(PDF) 36 Page - Bridgetek Pte Ltd.

Part # FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Datasheet(HTML) 36 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 38Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 39Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 40Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 63 page
background image
Copyright © Bridgetek Pte Ltd
36
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
4.7.7
Touch detection in none-ACTIVE state
When FT81x is in none-ACTIVE state, a touch event can still be detected and reported to the host
through the INT_N pin. In other words, a touch event can wake-up the host if needed.
For resistive touch, the INT_N pin will be asserted low when the screen is touched, regardless of the
setting of the interrupt registers. This will happen when the FT81x is in STANDBY or SLEEP state, but not
in POWERDOWN state.
For capacitive touch, the INT_N pin will follow CTP_INT_N pin when the FT81x is in STANDBY, SLEEP or
POWERDOWN state.
4.8 Power Management
4.8.1
Power supply
The FT81x may be operated with a single supply of 3.3V applied to VCC and VCCIO pins. For operation
with a host MPU/MCU at a lower supply, connect the VCCIO1 to the MPU IO supply to match the interface
voltage. For operation with LCD/touch panels at lower voltages, connect the VCCIO2 to the LCD/touch IO
supply.
Symbol
Typical
Description
VCCIO1
1.8V, or 2.5V, or 3.3V
Supply for Host interface digital I/O pins
VCCIO2
1.8V, or 2.5V, or 3.3V
Supply for RGB and touch interface I/O pins
VCC
3.3V
Supply for 3.3V circuits and internal regulator
VOUT1V2
1.2V
Supply for digital core. Generated by internal regulator
Table 4-19 Power supply
4.8.2
Internal Regulator and POR
The internal regulator provides power to the core circuit. A 47kΩ resistor is recommended to pull the
PD_N pin up to VCCIO1, together with a 100nF capacitor to ground in order to delay the internal
regulator powering up after the VCC and VCCIO are stable.
The internal regulator requires a compensation capacitor to be stable. A typical design requires a 4.7uF
capacitor between the VOUT1V2 and GND pins. Do not connect any other load to the VOUT1V2 pin.
The internal regulator will generate a Power-On-Reset (POR) pulse when the output voltage rises above
the POR threshold. The POR will reset all the core digital circuits.
It is possible to use PD_N pin as an asynchronous hardware reset input. Drive PD_N low for at least 5ms
and then drive it high will reset the FT81x chip.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com