Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

FT811Q-R Datasheet(PDF) 33 Page - Bridgetek Pte Ltd.

Part # FT811Q-R
Description  Advanced Embedded Video Engine
PDF  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BRIDGETEK [Bridgetek Pte Ltd.]
Direct Link  https://brtchip.com/
Logo BRIDGETEK - Bridgetek Pte Ltd.

FT811Q-R Datasheet(HTML) 33 Page - Bridgetek Pte Ltd.

Back Button FT811Q-R Datasheet HTML 29Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 30Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 31Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 32Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 33Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 34Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 35Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 36Page - Bridgetek Pte Ltd. FT811Q-R Datasheet HTML 37Page - Bridgetek Pte Ltd. Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 63 page
background image
Copyright © Bridgetek Pte Ltd
33
FT81X Embedded Video Engine Datasheet
Version 1.4
Document No.: BRT_000002 Clearance No.: BRT#004
4.7 Touch-Screen Engine
The FT81x touch-screen engine supports both resistive and capacitive touch panels. FT810 and FT812
support resistive touch, while FT811 and FT813 support capacitive touch.
4.7.1
Resistive Touch Control
The resistive touch-screen consists of a touch screen engine, ADC, Axis-switches, and ADC input
multiplexer. The touch screen engine reads commands from the memory map register and generates the
required control signals to the axis-switches and inputs mux and ADC. The ADC data are acquired,
processed and updated in the respective register for the MPU/MCU to read.
Figure 4-8 Resistive Touch screen connection
The host controls the TOUCH SCREEN ENGINE operation mode by writing the REG_TOUCH_MODE.
REG_TOUCH_MODE
Mode
Description
0
OFF
Acquisition stopped, only touch detection interrupt is still valid.
1
ONE-SHOT
Perform acquisition once every time the MPU writes '1' to
REG_TOUCH_MODE.
2
FRAME-SYNC
Perform acquisition for every frame sync (~60 data
acquisition/second.
3
CONTINUOUS
Perform acquisition continuously at approximately 1000 data
acquisition / second.
Table 4-17 Resistive Touch Controller Operating Mode
The Touch Screen Engine captures the raw X and Y coordinate and writes to register REG_TOUCH_RAW
XY. The range of these values is 0-1023. If the touch screen is not being pressed, both registers read
65535 (FFFFh).
These touch values are transformed into screen coordinates using the matrix in registers
REG_TOUCH_TRANSFORM_A-F.
The
post-transform
coordinates
are
available
in
register
REG_TOUCH_SCREEN_XY. If the touch screen is not being pressed, both registers read -32768 (8000h).
The values for REG TOUCH TRANSFORM A-F may be computed using an on-screen calibration process.
Y+
Y-
X-
X+
FT810/
FT812
XP
YP
XM
YM
Resistive Touch Screen



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com