Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317 Datasheet(PDF) 36 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 36 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 32Page - Texas Instruments DRV8317 Datasheet HTML 33Page - Texas Instruments DRV8317 Datasheet HTML 34Page - Texas Instruments DRV8317 Datasheet HTML 35Page - Texas Instruments DRV8317 Datasheet HTML 36Page - Texas Instruments DRV8317 Datasheet HTML 37Page - Texas Instruments DRV8317 Datasheet HTML 38Page - Texas Instruments DRV8317 Datasheet HTML 39Page - Texas Instruments DRV8317 Datasheet HTML 40Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 69 page
background image
parity scheme used is even parity - the number of ones in a block of 16-bits (including the parity bit) is even.
Data will be written to the internal registers only if the parity check is successful. Parity checks can be enabled or
disabled by configuring the SPI_PEN bit of SYS_CTRL register. Parity checks are disabled by default.
Note
Though parity checks are disabled by default, TI recommends enabling parity checks to safeguard
against single-bit errors.
Error Handling
Parity Error: Upon detecting a parity error, the secondary device responds in the following ways. Parity error
gets latched and reported on nFAULT. The error status is available for read on SPI_PARITY field of SYS_STS
register. A parity error in the header will not prevent the secondary device from responding with data. The
SDO will be driven by the secondary device being addressed. Updates to write address pointer and the device
registers will be ignored when parity error is detected. In a sequential write, upon detection of parity error any
subsequent register writes will be ignored.
Frame Error: Any incomplete SPI Frame will be reported as Frame error. Frame errors will be latched in
FRM_ERR field of SYSIF_STS register and indicated on nFAULT.
SPI Read/Write Sequence
SPI Read Sequence: The SPI read transaction comprises of an 8-bit header (R/W - 1 bit, Address - 6 bits,
and party -1 bit) followed by 16-bit dummy data words. Upon receiving the first byte of header, the secondary
device responds with an 8-bit device status information. The read address pointer gets updated immediately
after receiving the address field of the header. The read address from the header acts as the starting address for
the register reads. The read address pointer gets incremented automatically upon completion of a 16-bit transfer.
The length of data transfer is not restricted by the secondary device. The secondary device responds with data
as long as the primary device transmits dummy words. If parity error check is enabled, the MSB of read data will
be replaced with computed parity bit
SPI Write Sequence: SPI write transaction comprises of an 8-bit header followed by 16-bit data words to be
written into the register bank. Similar to a read transaction, the addressed secondary device responds with an
8-bit device status information upon receiving the first byte of header. Once the header bytes are received,
the write address pointer gets updated. The write address from the header acts as the starting address for
sequential register writes. The read address pointer will retain the address of the register being read in the
previous SPI transaction. The length of data transfer is not restricted by the secondary device. Both read and
write address pointers will be incremented automatically upon completion of a 16-bit transfer. While receiving
data from the primary device, the SDO will be driven with the register data addressed by read address pointer.
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
36
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com