Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317 Datasheet(PDF) 57 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 57 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 53Page - Texas Instruments DRV8317 Datasheet HTML 54Page - Texas Instruments DRV8317 Datasheet HTML 55Page - Texas Instruments DRV8317 Datasheet HTML 56Page - Texas Instruments DRV8317 Datasheet HTML 57Page - Texas Instruments DRV8317 Datasheet HTML 58Page - Texas Instruments DRV8317 Datasheet HTML 59Page - Texas Instruments DRV8317 Datasheet HTML 60Page - Texas Instruments DRV8317 Datasheet HTML 61Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 69 page
background image
Table 9-2. Summary of Delay Times in DRV8317 Depending on Logic Inputs and Output Current Direction
(continued)
OUTx Current
Direction
INHx
INLx
Propagation Delay
(tPD)
Dead Time (tDEAD) Inserted MCU Dead Time (tDEAD(MCU))
tDEAD(MCU) ≤ tDEAD
tDEAD(MCU) > tDEAD
Into OUTx
Rising
Falling
≤ tPD (typ.)
≤ tDEAD (typ.)
Output dead time ≤ tDEAD
(typ.)
Output dead time < tDEAD(MCU)
Falling
Rising
≤ tPD (max)
≤ tDEAD (max)
Output dead time ≤ tDEAD
(max)
Output dead time = tDEAD(MCU)
9.2.1.3 Delay Compensation
Differences in delays of dead time and propagation delay can cause mismatch in the output timings of PWMs,
which can lead to duty cycle distortion. In order to accommodate differences in propagation delay between the
conditions mentioned in Table 9-2, DRV8317 integrates a delay compensation feature.
Delay compensation is used to match delay times for currents going into and out of phase (OUTx) by adding a
variable delay time (tvar) to match a preset target delay time equal to the propagation delay plus driver dead time
(tPD + tDRV_DEAD). This (tvar) setting is automatically configured by the DRV8317 when the DLYCMP_EN bit is set
to 1b.
9.2.1.4 Current Sensing and Output Filtering
The SOx pins are typically sampled by an analog-to-digital converter in the MCU to calculate the phase current.
Phase current information is used for closed-loop control such as Field-Oriented Control (FOC).
An example calculation for phase current is shown in Equation 3.
SOx = VREF/2 + GCSA * IOUTx
(3)
For example, in a system with VREF = 3-V, CSA gain = 0.5 V/A, and a SOx voltage of 1.2-V, phase current
(IOUTx) = -0.6A.
Sometimes high frequency noise can appear at the SOx signals based on voltage ripple at VREF, added
inductance at the SOx traces, or routing of SOx traces near high frequency components. It is recommended to
add a low-pass RC filter close to the MCU with cut-off frequency at least 10 times the PWM switching frequency
for trapezoidal commutation and 100 times the PWM switching frequency for sinusoidal commutation to filter
high frequency noise. A recommended RC filter is 330-ohms, 22-pF to add minimal parallel capacitance to the
ADC and current mirroring circuitry without increasing the settling time of the CSA output.
The cutoff frequency for the low-pass RC filter is in Equation 4.
fc= 12πRC
(4)
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
57
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com