Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317 Datasheet(PDF) 65 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 65 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 61Page - Texas Instruments DRV8317 Datasheet HTML 62Page - Texas Instruments DRV8317 Datasheet HTML 63Page - Texas Instruments DRV8317 Datasheet HTML 64Page - Texas Instruments DRV8317 Datasheet HTML 65Page - Texas Instruments DRV8317 Datasheet HTML 66Page - Texas Instruments DRV8317 Datasheet HTML 67Page - Texas Instruments DRV8317 Datasheet HTML 68Page - Texas Instruments DRV8317 Datasheet HTML 69Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 65 / 69 page
background image
www.ti.com
PACKAGE OUTLINE
C
36X
0.25
0.15
2.8
2.6
36X
0.5
0.3
0.8 MAX
(0.1) TYP
0.05
0.00
32X 0.4
2X
3.6
3.8
3.6
2X 2.8
4X (0.41)
A
4.1
3.9
B
5.1
4.9
WQFN - 0.8 mm max height
REE0036A
PLASTIC QUAD FLATPACK - NO LEAD
4226725/A 04/2021
PIN 1 INDEX AREA
0.08
SEATING PLANE
1
10
19
28
11
18
36
29
PIN 1 ID
0.1
C A B
0.05
NOTES:
1. All linear dimensions are in millimeters. Any dimensions in parenthesis are for reference only. Dimensioning and tolerancing
per ASME Y14.5M.
2. This drawing is subject to change without notice.
3. The package thermal pad must be soldered to the printed circuit board for thermal and mechanical performance.
SYMM
SYMM
SCALE 3.300
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
65
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com