Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317 Datasheet(PDF) 5 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 5 Page - Texas Instruments

  DRV8317 Datasheet HTML 1Page - Texas Instruments DRV8317 Datasheet HTML 2Page - Texas Instruments DRV8317 Datasheet HTML 3Page - Texas Instruments DRV8317 Datasheet HTML 4Page - Texas Instruments DRV8317 Datasheet HTML 5Page - Texas Instruments DRV8317 Datasheet HTML 6Page - Texas Instruments DRV8317 Datasheet HTML 7Page - Texas Instruments DRV8317 Datasheet HTML 8Page - Texas Instruments DRV8317 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 69 page
background image
Table 6-1. Pin Functions (continued)
PIN
36-pin package
TYPE
(1)
DESCRIPTION
NAME
DRV8317S DRV8317H
CSAREF
33
33
PWR I
Current sense amplifier power supply input/reference. Connect a X5R or X7R, 0.1-
µF, 6.3-V ceramic capacitor between the CSAREF and AGND pins.
GAIN
29
I
Available only in hardware variant (DRV8317H). The pin is a 4-level input pin for
current sense amplifier gain setting.
INHA
23
23
I
High-side driver control input for OUTA. This pin controls the state of the high-side
MOSFET in 6x/3x PWM Mode.
INHB
25
25
I
High-side driver control input for OUTB. This pin controls the state of the high-side
MOSFET in 6x/3x PWM Mode.
INHC
27
27
I
High-side driver control input for OUTC. This pin controls the state of the high-side
MOSFET in 6x/3x PWM Mode.
INLA
24
24
I
Low-side driver control input for OUTA. This pin controls the state of the low-side
MOSFET in 6x PWM Mode.
INLB
26
26
I
Low-side driver control input for OUTB. This pin controls the state of the low-side
MOSFET in 6x PWM Mode.
INLC
28
28
I
Low-side driver control input for OUTC. This pin controls the state of the low-side
MOSFET in 6x PWM Mode.
MODE
31
I
Available only in hardware variant (DRV8317H). This is a 4-level input pin for PWM
mode setting.
NC
3
3, 32
No connect. Leave the pin floating.
nFAULT
2
2
O
Fault indication pin. Pulled low during fault condition. Open-drain output; requires an
external pull-up resistor to AVDD.
nSCS
32
I
Available only in SPI variant (DRV8317S). Serial chip select. A logic low on this pin
enables serial interface communication.
nSLEEP
1
1
I
When this pin is logic low the device goes to a low-power sleep mode. A 15 to 50-µs
low pulse on nSLEEP pin can be used to reset fault conditions without entering sleep
mode.
OUTA
11, 12
11, 12
O
Half-bridge output A. Connect to motor winding.
OUTB
14, 15
14, 15
O
Half-bridge output B. Connect to motor winding.
OUTC
17, 18
17, 18
O
Half-bridge output C. Connect to motor winding.
PGND
10, 13, 16,
19
10, 13, 16,
19
PWR
Device power ground. Connect to a separate ground plane.
(1)
SCLK
31
I
Available only in SPI variant (DRV8317S). Serial clock input. Serial data is shifted
out on the rising edge and captured on the falling edge of SCLK.
SDI
30
I
Available only in SPI variant (DRV8317S). Serial data input. Data (input) is captured
on the falling edge of the SCLK pin (SPI devices).
SDO
29
O
Available only in SPI variant (DRV8317S). Serial data output. Data (output) is shifted
out on the rising edge of the SCLK pin.
SLEW
30
I
Available only in hardware variant (DRV8317H). This pin is a 4-level input pin for
OUTx voltage slew rate setting.
SOA
36
36
O
Current sense amplifier output for OUTA.
SOB
35
35
O
Current sense amplifier output for OUTB.
SOC
34
34
O
Current sense amplifier output for OUTC.
VIN_AVDD
7
7
PWR
Input supply for AVDD LDO
VM
8, 9, 20
8, 9, 20
PWR
Device and motor power supply. Connect to motor supply voltage; bypass to PGND
with a 0.1-µF capacitor plus one bulk capacitor. TI recommends a capacitor voltage
rating at least twice the normal operating voltage of the device
Thermal
pad
PWR
Must be connected to AGND.
(1)
I = input, O = output, PWR = power, GND = ground, NC = no connect
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
5
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com