Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317 Datasheet(PDF) 39 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 39 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 35Page - Texas Instruments DRV8317 Datasheet HTML 36Page - Texas Instruments DRV8317 Datasheet HTML 37Page - Texas Instruments DRV8317 Datasheet HTML 38Page - Texas Instruments DRV8317 Datasheet HTML 39Page - Texas Instruments DRV8317 Datasheet HTML 40Page - Texas Instruments DRV8317 Datasheet HTML 41Page - Texas Instruments DRV8317 Datasheet HTML 42Page - Texas Instruments DRV8317 Datasheet HTML 43Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 69 page
background image
8.6.2 DEV_RSTS Register (Offset = 2h) [Reset = 0000h]
DEV_RSTS is shown in Figure 8-29 and described in Table 8-12.
Return to the Table 8-9.
Figure 8-29. DEV_RSTS Register
15
14
13
12
11
10
9
8
RESERVED
DNRDY_RSTS
SYSF_RSTS
R-0-0h
R-0h
R-0h
7
6
5
4
3
2
1
0
RESERVED
SPIF_RSTS
OCP_RSTS
VMUV_WRSTS
OVP_RSTS
UVP_RSTS
OTF_RSTS
RESERVED
R-0-0h
R-0h
R-0h
R-0-0h
R-0-0h
R-0h
R-0h
R-0-0h
Table 8-12. DEV_RSTS Register Field Descriptions
Bit
Field
Type
Reset
Description
15-10
RESERVED
R-0
0h
Reserved
9
DNRDY_RSTS
R
0h
Device not ready indicator
0h = Device not ready to drive PWMs
1h = Device ready to drive PWMs
8
SYSF_RSTS
R
0h
OTP parity error during load, raw status. Cleared by write to
FLT_CLR or reset pulse on nSLEEP
0h = No parity error during OTP load
1h = Parity error occurred during OTP load
7
RESERVED
R-0
0h
Reserved
6
SPIF_RSTS
R
0h
SPI fault raw status. Cleared by write to FLT_CLR or reset pulse on
nSLEEP
0h = No SPI fault is detected
1h = SPI fault is detected
5
OCP_RSTS
R
0h
Driver OCP raw status. Auto cleared if retry is enabled in
OCP_MODE. Can also be cleared by write to FLT_CLR or reset
pulse on nSLEEP.
0h = No over current condition is detected
1h = Over current condition is detected
4
VMUV_WRSTS
R-0
0h
VM under voltage warning fault raw status. Auto cleared if retry is
enabled in VMUV_WARN_MODE. Can also be cleared by write to
FLT_CLR or reset pulse on nSLEEP.
0h = No VM under voltage warn condition is detected (VM >
VMUV_WARN_RISE threshold)
1h = VM under voltage warn condition is detected (VM <
VMUV_WARN_FALL threshold)
3
OVP_RSTS
R-0
0h
Over voltage protection fault raw status. Auto cleared if retry is
enabled in OVP_MODE. Can also be cleared by write to FLT_CLR or
reset pulse on nSLEEP.
0h = No over voltage condition on VM is detected
1h = VM over voltage condition is detected
2
UVP_RSTS
R
0h
Under voltage protection fault raw status. Auto cleared if retry is
enabled in UVP_MODE. Can also be cleared by write to FLT_CLR or
reset pulse on nSLEEP.
0h = No under voltage condition is detected on VM or CP
1h = Under voltage condition is detected on VM or CP
1
OTF_RSTS
R
0h
Over temperature fault raw status. Auto cleared if retry is enabled
in OTF_MODE. Can also be cleared by write to FLT_CLR or reset
pulse on nSLEEP.
0h = No over temperature warning/shutdown is detected
1h = Over temperature warning/shutdown is detected
0
RESERVED
R-0
0h
Reserved
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
39
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com