Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317 Datasheet(PDF) 27 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 27 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 23Page - Texas Instruments DRV8317 Datasheet HTML 24Page - Texas Instruments DRV8317 Datasheet HTML 25Page - Texas Instruments DRV8317 Datasheet HTML 26Page - Texas Instruments DRV8317 Datasheet HTML 27Page - Texas Instruments DRV8317 Datasheet HTML 28Page - Texas Instruments DRV8317 Datasheet HTML 29Page - Texas Instruments DRV8317 Datasheet HTML 30Page - Texas Instruments DRV8317 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 69 page
background image
8.3.10 Current Sense Amplifiers
The DRV8317 integrates three high-performance low-side current sense amplifiers for current measurements
using built-in current sense. Low-side current measurements are commonly used to implement overcurrent
protection, external torque control, or brushless DC commutation with the external controller. Each amplifier
senses the current in the corresponding half-bridge when the low-side MOSFET is conducting. The current
sense amplifiers include features such as configurable gain (through CSA_GAIN register or GAIN pin) and an
external voltage reference (VREF) provided through CSAREF pin.
8.3.10.1 Current Sense Amplifier Operation
The SOx pin on the DRV8317 provides an analog voltage proportional to the current flowing in the low side
MOSFETs (IOUTx) multiplied by the gain setting (GCSA) of the current sense amplifier. The gain setting is
adjustable between four different levels which can be set by the GAIN pin (hardware variant) or the CSA_GAIN
register (SPI variant).
Figure 8-19 shows the internal architecture of the current sense amplifiers. The current sense is implemented
with a sense FET on each low-side FET of the DRV8317 device. This current information is converted in to a
voltage based on the CSAREF pin (VREF) input and the CSA gain setting; this voltage is available on the SOx
pin. The CSA output voltage can be calculated using Equation 2
SOx = VREF/2 + (GCSA * IOUTx), wherein IOUTx is considered positive in the direction shown in Figure 8-19.
(2)
VM
PGND
OUTx
I/V Converter
Sense
FET
GAIN
SOx
VREF
Figure 8-19. Integrated Current Sense Amplifier
Figure 8-20 shows the IOUTx to CSA output transfer function. In bi-directional operation, the amplifier output for
0-A input is set at VREF/2. Any change in the output phase current results in a corresponding change in the
amplifier output as given in Equation 2.
SOX (V)
IOUTx (A) (Current flowing out of OUTx)
VREF
VREF / 2
VLINEAR
(VREF
0.25-V
0-V
- 0.25)
Figure 8-20. IOUTx to CSA Transfer Function
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
27
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com