Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317 Datasheet(PDF) 50 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 50 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 46Page - Texas Instruments DRV8317 Datasheet HTML 47Page - Texas Instruments DRV8317 Datasheet HTML 48Page - Texas Instruments DRV8317 Datasheet HTML 49Page - Texas Instruments DRV8317 Datasheet HTML 50Page - Texas Instruments DRV8317 Datasheet HTML 51Page - Texas Instruments DRV8317 Datasheet HTML 52Page - Texas Instruments DRV8317 Datasheet HTML 53Page - Texas Instruments DRV8317 Datasheet HTML 54Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 69 page
background image
8.6.12 VMUV_WARN_THR Register (Offset = 18h) [Reset = 0000h]
VMUV_WARN_THR is shown in Figure 8-39 and described in Table 8-22.
Return to the Table 8-9.
Figure 8-39. VMUV_WARN_THR Register
15
14
13
12
11
10
9
8
PARITY
RESERVED
R/W-0h
R-0-0h
7
6
5
4
3
2
1
0
VMUV_WARN_RTH
VMUV_WARN_FTH
R/W-0h
R/W-0h
Table 8-22. VMUV_WARN_THR Register Field Descriptions
Bit
Field
Type
Reset
Description
15
PARITY
R/W
0h
Parity Bit if SPI_PEN is set to '1' otherwise reserved
14-8
RESERVED
R-0
0h
Reserved
7-4
VMUV_WARN_RTH
R/W
0h
VM under voltage warning rising threshold
0h = 5.62V
1h = 6.25V
2h = 6.87V
3h = 7.5V
4h = 8.12V
5h = 8.75V
6h = 9.37V
7h = 10.00V
8h = 10.62V
9h = 11.25V
Ah = 11.87V
Bh = 12.5V
Ch = 13.75V
Dh = 15.00V
Eh = 16.25V
Fh = 17.5V
3-0
VMUV_WARN_FTH
R/W
0h
VM under voltage warning falling threshold
0h = 5.4V
1h = 6.0V
2h = 6.6V
3h = 7.2V
4h = 7.8V
5h = 8.4V
6h = 9.0V
7h = 9.6V
8h = 10.2V
9h = 10.8V
Ah = 11.4V
Bh = 12.0V
Ch = 13.2V
Dh = 14.4V
Eh = 15.6V
Fh = 16.8V
DRV8317
SLVSGT3 – DECEMBER 2022
www.ti.com
50
Submit Document Feedback
Copyright © 2022 Texas Instruments Incorporated
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com