Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317 Datasheet(PDF) 37 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 37 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 33Page - Texas Instruments DRV8317 Datasheet HTML 34Page - Texas Instruments DRV8317 Datasheet HTML 35Page - Texas Instruments DRV8317 Datasheet HTML 36Page - Texas Instruments DRV8317 Datasheet HTML 37Page - Texas Instruments DRV8317 Datasheet HTML 38Page - Texas Instruments DRV8317 Datasheet HTML 39Page - Texas Instruments DRV8317 Datasheet HTML 40Page - Texas Instruments DRV8317 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 69 page
background image
8.6 DRV8317 Registers
Table 8-9 lists the memory-mapped registers for the DRV8317 registers. All register offset addresses not listed in
Table 8-9 should be considered as reserved locations and the register contents should not be modified.
Table 8-9. DRV8317 Registers
Offset
Acronym
Register Name
Section
0h
DEV_STS
Device Status Register
Section 8.6.1
2h
DEV_RSTS
Device Raw Status Register
Section 8.6.2
4h
OT_STS
Over Temperature Status Register
Section 8.6.3
5h
SUP_STS
Supply Status Register
Section 8.6.4
6h
DRV_STS
Driver Status Register
Section 8.6.5
7h
SYSIF_STS
System Interface Status Register
Section 8.6.6
10h
FLT_MODE
Fault Mode Register
Section 8.6.7
12h
SYSF_CTRL
System Fault Control Register
Section 8.6.8
13h
DRVF_TCTRL
Driver Fault Control Register
Section 8.6.9
16h
FLT_TCTRL
Fault Timing Control Register
Section 8.6.10
17h
FLT_CLR
Fault Clear Register
Section 8.6.11
18h
VMUV_WARN_THR
VM Under Voltage Warn Threshold Register
Section 8.6.12
20h
PWM_CTRL
PWM Control Register
Section 8.6.13
22h
DRV_CTRL
Predriver control Register
Section 8.6.14
23h
CSA_CTRL
CSA Control Register
Section 8.6.15
3Fh
SYS_CTRL
System Control Register
Section 8.6.16
Complex bit access types are encoded to fit into small table cells. Table 8-10 shows the codes that are used for
access types in this section.
Table 8-10. DRV8317 Access Type Codes
Access Type
Code
Description
Read Type
R
R
Read
R-0
R
-0
Read
Returns 0s
Write Type
W
W
Write
Reset or Default Value
-n
Value after reset or the default
value
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
37
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com