Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317 Datasheet(PDF) 23 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 23 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 19Page - Texas Instruments DRV8317 Datasheet HTML 20Page - Texas Instruments DRV8317 Datasheet HTML 21Page - Texas Instruments DRV8317 Datasheet HTML 22Page - Texas Instruments DRV8317 Datasheet HTML 23Page - Texas Instruments DRV8317 Datasheet HTML 24Page - Texas Instruments DRV8317 Datasheet HTML 25Page - Texas Instruments DRV8317 Datasheet HTML 26Page - Texas Instruments DRV8317 Datasheet HTML 27Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 69 page
background image
8.3.6 Slew Rate Control
An adjustable gate-drive current to the MOSFETs allows for driver output slew rate control. The MOSFET VDS
slew rate is a critical factor in optimizing radiated emissions, energy and duration of diode recovery spikes and
switching voltage transients related to parasitics. This slew rate is predominantly determined by the rate of gate
charge to the MOSFETs as shown in Figure 8-9.
VM
OUTx
CP
Slew Rate
Control
Slew Rate
Control
VLS
PGND
Figure 8-9. Slew Rate Control
The slew rate of each half-bridge can be adjusted by SLEW pin in hardware variant or by SLEW_RATE register
in SPI variant. The slew rate is calculated by the rise-time and fall-time of the voltage on OUTx pin as shown in
Figure 8-10.
20%
80%
20%
80%
t
fall
VM
t
rise
0
VM
V
OUTx
Time
Figure 8-10. Slew Rate Measurement
8.3.7 Cross Conduction (Dead Time)
The device is fully protected against any cross conduction of MOSFETs - during the switching of high-side and
low-side MOSFETs, DRV8317 avoids shoot-through events by inserting a dead time (tdead). This is implemented
by sensing the gate-source voltage (VGS) of the high-side and low-side MOSFETs and ensuring that VGS
of high-side MOSFET has dropped below turn-off level before switching on the low-side MOSFET of same
half-bridge (or vice-versa) as shown in Figure 8-11 and Figure 8-12. The VGS of the high-side and low-side
MOSFETs (VGS_HS and VGS_LS) shown in Figure 8-12 are DRV8317 internal signals.
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
23
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com