Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

DRV8317 Datasheet(PDF) 19 Page - Texas Instruments

Part # DRV8317
Description  DRV8317 Three-Phase PWM Motor Driver
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

DRV8317 Datasheet(HTML) 19 Page - Texas Instruments

Back Button DRV8317 Datasheet HTML 15Page - Texas Instruments DRV8317 Datasheet HTML 16Page - Texas Instruments DRV8317 Datasheet HTML 17Page - Texas Instruments DRV8317 Datasheet HTML 18Page - Texas Instruments DRV8317 Datasheet HTML 19Page - Texas Instruments DRV8317 Datasheet HTML 20Page - Texas Instruments DRV8317 Datasheet HTML 21Page - Texas Instruments DRV8317 Datasheet HTML 22Page - Texas Instruments DRV8317 Datasheet HTML 23Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 69 page
background image
8.3.2.1 6x PWM Mode
In 6x PWM mode, each half-bridge supports three output states: low, high, or high-impedance (Hi-Z). To
configure DRV8317H in 6x PWM mode, connect the MODE pin to AGND or connect the MODE pin to AGND
via 47-kΩ resistor. To enable 6x PWM mode in DRV8317S, configure the MODE bits with PWM_MODE = 00b or
01b. The corresponding INHx and INLx signals control the output state as listed in Table 8-3.
Table 8-3. 6x PWM Mode Truth Table
INHx
INLx
OUTx
0
0
Hi-Z
0
1
L
1
0
H
1
1
Hi-Z
Figure 8-3 shows the application diagram of DRV8317 configured in 6x PWM mode.
Logic
VM
Gate
Drive
and
OCP
INHB
INLB
nSLEEP
VM
VM
INHA
INLA
OUTB
OUTA
OUTC
BLDC
Motor
INHC
INLC
Controller
PGND
Figure 8-3. 6x PWM Mode
www.ti.com
DRV8317
SLVSGT3 – DECEMBER 2022
Copyright © 2022 Texas Instruments Incorporated
Submit Document Feedback
19
Product Folder Links: DRV8317



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com