Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1206-R100F Datasheet(PDF) 26 Page - Skyworks Solutions Inc.

Part # LCR1206-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1206-R100F Datasheet(HTML) 26 Page - Skyworks Solutions Inc.

Back Button LCR1206-R100F Datasheet HTML 22Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 23Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 24Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 25Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 26Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 27Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 28Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 29Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 46 page
background image
Si32172/3/5
26
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
4. Functional Description
Figure 13. Si32172/3/5 Functional Block Diagram
The Si32172/3/5 series provides all SLIC, codec, DTMF detection, and signal generation functions needed for one
complete analog telephone interface. The Si32172/3/5 performs all battery, over-voltage, ringing, supervision,
codec, hybrid, and test (BORSCHT) functions; it also supports extensive metallic loop testing capabilities.
The Si32172/3/5 provides a standard voice-band (200 Hz–3.4 kHz) audio codec and, optionally, an audio codec
with both wideband (50 Hz–7 kHz) and standard voice-band modes. The wideband mode provides an expanded
audio band with a 16 kHz sample rate for enhanced audio quality while the standard voice-band mode provides
standard telephony audio bandwidth. The Si32172/3/5 incorporates a programmable dc-dc converter controller
that reacts to line conditions to provide the optimal battery voltage required for each line-state. Si32172/3/5 ICs are
available with voltage ratings of –110 V or –140 V to support a wide range of ringing voltages; see "9. Ordering
Guide‚" on page 37 for the voltage rating of each Si32172/3/5 version.
Programmable on-hook voltage, programmable off-hook loop current, reverse battery operation, loop or ground
start operation, and on-hook transmission are supported. Loop current and voltage are continuously monitored by
an integrated monitoring ADC.
The Si32172/3/5 supports balanced 5 REN ringing with or without a programmable dc offset. The available voltage
offset, frequency, waveshape, and cadence options are designed to ring the widest variety of terminal devices and
to reduce external controller requirements.
A complete audio transmit and receive path is integrated, including ac impedance and hybrid gain. These features
are software-programmable, allowing a single hardware design to meet global requirements.
RING
TIP
SPI
Interface
DSP
DTMF &
Tone Gen
Caller ID
Ringing
Generator
ADC
DAC
CODEC
SLIC
Linefeed
Control
Linefeed
Monitor
DC-DC Controller
Line Diagnostics
PLL
PSCLK
MISO
MOSI
Integrated
Serial
Interface
DSP
DTMF &
Tone Gen
Caller ID
Ringing
Generator
ADC
DAC
CODEC
CODEC
SLIC
Linefeed
Control
Linefeed
Monitor
DC-DC Controller
Line Diagnostics
PLL
Si32172/3/5
ADC
DAC
FXS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com