Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1206-R100F Datasheet(PDF) 6 Page - Skyworks Solutions Inc.

Part # LCR1206-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1206-R100F Datasheet(HTML) 6 Page - Skyworks Solutions Inc.

Back Button LCR1206-R100F Datasheet HTML 2Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 3Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 4Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 5Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 6Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 7Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 8Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 9Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 46 page
background image
Si32172/3/5
6
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Signal-to-(Noise + Distortion)
Ratio2
200Hz to 3.4kHz
D/A or A/D 8-bit
Active off-hook, and OHT, any ZT
Figure 2
—
—
Audio Tone Generator Signal-to-
Distortion Ratio2
0 dBm0, Active off-hook, and
OHT, any ZT
46
—
—
dB
Intermodulation Distortion
—
—
–41
dB
Gain Accuracy2
2-Wire to PCM or PCM to 2-Wire
1014 Hz, Any gain setting
–0.2
—
0.2
dB
Attenuation Distortion vs.
Frequency
0dBm06
See Figure 16 and 17
Group Delay vs. Frequency
See Figure 18 and 19
Gain Tracking3
1014 Hz sine wave,
reference level –10 dBm
Signal level:
——
—
—
3 dB to –37 dB
—
—
0.25
dB
–37 dB to –50 dB
—
—
0.5
dB
–50 dB to –60 dB
—
—
1.0
dB
Round-Trip Group Delay
1014 Hz, Within same time-slot
—
450
500
µs
2-Wire Return Loss4
200Hz to 3.4kHz
26
30
—
dB
Transhybrid Balance4
300Hz to 3.4kHz
26
30
—
dB
Noise Performance
Idle Channel Noise5
C-Message weighted
—
8
12
dBrnC
Psophometric weighted
—
–82
–78
dBmP
PSRR from VDD, VDDIO @ 3.3 V
RX and TX, 200 Hz to 3.4 kHz
—
55
—
dB
Longitudinal Performance
Longitudinal to Metallic/PCM
Balance (forward or reverse)
200Hz to 1kHz
58
60
—
dB
1kHz to 3.4kHz
53
58
—
dB
Metallic/PCM to
Longitudinal Balance
200 Hz to 3.4 kHz
40
—
—
dB
Longitudinal Impedance
200 Hz to 3.4 kHz at TIP or RING
—
50
—
Longitudinal Current Capability
Active off-hook 60 Hz
Reg 73 = 0x0B
—25
—
mA
Table 3. AC Characteristics for FXS (Continued)
TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Test Condition
Min
Typ
Max
Unit
Notes:
1. The input signal level should be 0 dBm0 for frequencies greater than 100 Hz. For 100 Hz and below, the level should
be –10 dBm0. The output signal magnitude at any other frequency is smaller than the maximum value specified.
2. Analog signal measured as VTIP – VRING. Assumes ideal line impedance matching.
3. The quantization errors inherent in the µ/A-law companding process can generate slightly worse gain tracking
performance in the signal range of 3 to –37 dB for signal frequencies that are integer divisors of the 8 kHz PCM
sampling rate.
4. VDD, VDDIO =3.3 V, VBAT = –52 V, no fuse resistors; RL = 600 , ZS = 600  synthesized using RS register
coefficients.
5. The level of any unwanted tones within the bandwidth of 0 to 4 kHz does not exceed –55 dBm.
6. 0 dBm 0 is equal to 0 dBm into 600
.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com