Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1206-R100F Datasheet(PDF) 1 Page - Skyworks Solutions Inc.

Part # LCR1206-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1206-R100F Datasheet(HTML) 1 Page - Skyworks Solutions Inc.

  LCR1206-R100F Datasheet HTML 1Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 2Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 3Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 4Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 5Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 6Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 7Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 8Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 46 page
background image
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
P ROSLIC ® S INGLE-C HIP FXS S OLUTION WITH I NTEGRATED
S ERIAL I NTERFACE (ISI)
Si32172/3/5 Features
Applications
Description
The Si32172/3/5 devices are pin-compatible single-channel ProSLIC
products that implement a complete foreign exchange station (FXS)
telephony interface solution in accordance with all relevant LSSGR, ITU,
and ETSI specifications. The Si32172/3/5 ProSLIC ICs operate from a 3.3 V
supply and use Skyworks Solutions’ proprietary three-wire digital Integrated
Serial Interface (ISI) with 3.3 V or 1.8 V I/O to connect to SoCs with the ISI
pre-integrated. The Si32172/3/5 integrated dc-dc controller automatically
generates the optimal battery voltages required for each linestate.
Si32172/3/5 ICs are available with voltage ratings of –110 V or –140 V to
support a wide range of ringing voltages. See the Ordering Guide for the
voltage rating of each Si32172/3/5 version. The Si32172/3/5 devices are
available in a 5x7 mm 42-pin QFN package.
 Complete FXS solution in 5 x 7 mm
 3-wire ISI combines PCM, SPI, and
interrupt data
 Performs all BORSCHT functions
 Ideal for short to medium loops
 Global programmability
 Internal balanced or unbalanced
ringing
 Patented low power ringing
 Simplified configuration and
diagnostics
 Supported by ProSLIC API
 Ultra low power consumption
 Integrated tracking dc-dc controller
with direct connection to MOSFET
 Wideband voice support
(Si32172/3)
 On-hook transmission
 Loop or ground start operation
 Smooth polarity reversal
 A-Law/µ-Law companding,
linear PCM
 Software-programmable
parameters:

Ringing frequency, amplitude,
cadence, and waveshape

Two-wire ac impedance

Transhybrid balance

DC current loop feed (10-45 mA)

Loop closure and ring trip
thresholds

Ground key detect threshold
 DTMF generation
 DTMF detection (Si32175)
 Pulse metering
 3.3 V operation
 Support for 1.8 V I/O
 Maximum battery up to –140 V
 Pb-free/RoHS-compliant
packaging
 Customer Premise Equipment
(CPE)
 VoIP DSL Gateways and Routers
 Wireless Local Loop (WLL)
 Integrated Access Devices (IAD)
 Analog Terminal Adapters (ATA)
 Small Office/Home Office PBX
Patents pending
Ordering Information
See page 37.
Pin Assignments
Si32172/3/5
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16 17 18 19 20 21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
VDDIO
NC
NC
NC
NC
PSCLK
MISO
MOSI
DCFF
SVBAT
CAPLB
CAPP
CAPM
IREF
QGND
VDD
STIPDC
STIPAC
SRINGAC
SRINGDC
GPIO2/SRINGC
GPIO1/STIPC
NC
EPAD2
EPAD1
1
42
NC
NC
NC
NC
NC
Si32172/3/5


Similar Part No. - LCR1206-R100F

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
LCR1210-R100F SKYWORKS-LCR1210-R100F Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
LCR1210-R100F SKYWORKS-LCR1210-R100F Datasheet
1Mb / 59P
SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
More results

Similar Description - LCR1206-R100F

ManufacturerPart #DatasheetDescription
logo
Silicon image
SI32178-B-FM SILICONIMAGE-SI32178-B-FM Datasheet
91Kb / 2P
ProSLIC짰 Single-Chip FXS Solution with FXO Option
logo
Silicon Laboratories
SI32178-B-FM SILABS-SI32178-B-FM Datasheet
91Kb / 2P
ProSLIC Single-Chip FXS Solution with FXO Option
SI3228X SILABS-SI3228X Datasheet
319Kb / 3P
ProSLIC짰 Single-Chip Dual FXS Solution
logo
Skyworks Solutions Inc.
SI3217X-C SKYWORKS-SI3217X-C Datasheet
653Kb / 47P
PROSLIC® SINGLE-CHIP FXS SOLUTION
Rev. 1.1 August 31, 2021
SI3217XB SKYWORKS-SI3217XB Datasheet
1Mb / 50P
PROSLIC® SINGLE-CHIP FXS SOLUTION WITH FXO OPTION
Rev. 1.5 August 12, 2021
SI3218X SKYWORKS-SI3218X Datasheet
1Mb / 43P
ProSLIC® Single-Channel FXS Solutions
Rev. 1.0 October 6, 2021
SI3219X SKYWORKS-SI3219X Datasheet
1Mb / 32P
ProSLIC® Single FXS Solution
Rev. 1.0 October 6, 2021
SI32260 SKYWORKS-SI32260 Datasheet
1Mb / 59P
SINGLE-CHIP DUAL PROSLIC®
Rev. 1.4 October 7, 2021
SI3228X SKYWORKS-SI3228X Datasheet
1Mb / 42P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.0 August 11, 2021
SI3229X SKYWORKS-SI3229X Datasheet
1Mb / 43P
ProSLIC® Single-Chip Dual FXS Solution
Rev. 1.1 July 26, 2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com