Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1206-R100F Datasheet(PDF) 7 Page - Skyworks Solutions Inc.

Part # LCR1206-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1206-R100F Datasheet(HTML) 7 Page - Skyworks Solutions Inc.

Back Button LCR1206-R100F Datasheet HTML 3Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 4Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 5Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 6Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 7Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 8Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 9Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 10Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 11Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 46 page
background image
Si32172/3/5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
7
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Table 4. Linefeed Characteristics for FXS
TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Maximum Loop Resistance
RLOOP
RDC,MAX =430 
ILOOP =18mA, VBAT =–52 V,
RPROT =0 
—
—
2000
DC Feed Current
Differential
—
—
45
mA
Common Mode
—
—
30
mA
Differential + Common Mode
—
—
45
mA
DC Loop Current Accuracy
ILIM =18mA
—
—
10
%
DC Open Circuit Voltage
Accuracy
Active Mode; VOC =48V,
VTIP – VRING
——
4
V
DC Differential Output
Resistance
RDO
ILOOP < ILIM
160
—
640
DC On-Hook Voltage
Accuracy—Ground Start
VOHTO
IRING<ILIM; VRING wrt ground,
VRING =–51 V
——
4
V
DC Output
Resistance—Ground Start
RROTO
IRING<ILIM; RING to ground
160
—
640
DC Output Resistance—
Ground Start
RTOTO
TIP to ground
400
—
—
kW
Loop Closure Detect
Threshold Accuracy
ITHR =13mA
—
—
10
%
Ground Key Detect
Threshold Accuracy
ITHR =13mA
—
—
10
%
Ring Trip
Threshold Accuracy
AC detection,
VRING = 70 Vpk, no offset,
ITH =80mA
——
4
mA
DC detection,
20 V dc offset, ITH =13mA
——
1
mA
DC Detection,
48 V DC offset, Rloop = 1500 
——
3
mA
Ringing Amplitude*
VRINGING
Si32172/5 Open circuit,
VBAT =–110V
108
—
—
VPK
Si32173 Open circuit,
VBAT =–140V
132
—
—
VPK
Sinusoidal Ringing Total
Harmonic Distortion
RTHD
Si32172/5 : 60 VRMS,
15 VOFFSET, 0–5 REN
—1
—
%
Si32173 : 55 VRMS,
48 VOFFSET, 0–5 REN
Ringing Frequency Accuracy
f = 16 Hz to 60 Hz
—
—
1
%
Ringing Cadence Accuracy
Accuracy of ON/OFF times
—
—
50
ms
Loop Voltage Sense
Accuracy
VTIP – VRING =48V
—
2
4
%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com