Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1206-R100F Datasheet(PDF) 28 Page - Skyworks Solutions Inc.

Part # LCR1206-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1206-R100F Datasheet(HTML) 28 Page - Skyworks Solutions Inc.

Back Button LCR1206-R100F Datasheet HTML 24Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 25Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 26Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 27Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 28Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 29Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 32Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 46 page
background image
Si32172/3/5
28
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
6. Power Monitoring and Power Fault Detection
The Si32172/3/5 line monitoring functions are used to continuously protect against excessive power conditions.
The Si32172/3/5 contains an on-chip, analog sensing diode that provides real-time temperature data and turns off
the device when a preset threshold is exceeded.
If the Si32172/3/5 detects a fault condition or overpower condition, it automatically sets that device to the open
state and generates a "power alarm" interrupt.
The interrupt can be masked, but masking the automatic transition to open is not recommended since it is used to
protect the Si3217x HVIC under excessive power conditions.The various power alarms and linefeed faults
supporting automatic intervention are described below.
1. Total power exceeded.
2. Excessive foreign current or voltage on TIP and/or RING.
3. Thermal shutdown event.
6.1. Thermal Overload Shutdown
If the die temperature exceeds the maximum junction temperature threshold, TJmax, of 145 °C or 200 °C, the
device has the ability to shut itself down to a low-power state without user intervention. The thermal shutdown
circuit contains a sufficient amount of hysteresis and/or turn-on delay time so as to remain shut down during a
power cross event, where 50 Hz or 60 Hz, 600 V, is connected to TIP and/or RING.
Table 16. Linefeed Operating States
Linefeed State
Description
Open
Output is high-impedance, and all line supervision functions are powered down. Audio is
powered down. This is the default state after powerup or following a hardware reset. This
state can also be used in the presence of line fault conditions and to generate open switch
intervals (OSIs). This state is used in line diagnostics mode as a high impedance state
during linefeed testing. A power fault condition may also force the device into the open
state.
Forward Active
Reverse Active
Linefeed circuitry and audio are active. In Forward Active state, the TIP lead is more posi-
tive than the RING lead; in Reverse Active state, the RING lead is more positive than the
TIP lead. Loop closure and ground key detect circuitry are active.
Forward OHT
Reverse OHT
Provides data transmission during an on-hook loop condition (e.g., transmitting caller ID
data between ringing bursts). Linefeed circuitry and audio are active. In Forward OHT
state, the TIP lead is more positive than the RING lead; in Reverse OHT state, the RING
lead is more positive than the TIP lead.
TIP Open
Provides an active linefeed on the RING lead and sets the TIP lead to high impedance
(>400 k
) for ground start operation in forward polarity. Loop closure and ground key
detect circuitry are active.
RING Open
Provides an active linefeed on the TIP lead and sets the RING lead to high impedance
(>400 k
) for ground start operation in reverse polarity. Loop closure and ground key
detect circuitry are active.
Ringing
Drives programmable ringing signal onto TIP and RING leads with or without dc offset.
Line Diagnostics
The channel is put into diagnostic mode. In this mode, the channel has special diagnostic
resources available.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com