Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1206-R100F Datasheet(PDF) 38 Page - Skyworks Solutions Inc.

Part # LCR1206-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1206-R100F Datasheet(HTML) 38 Page - Skyworks Solutions Inc.

Back Button LCR1206-R100F Datasheet HTML 34Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 35Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 36Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 37Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 38Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 39Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 40Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 41Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 42Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 38 / 46 page
background image
Si32172/3/5
38
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
Table 18. Evaluation Kit Ordering Guide
Part Number
Description
VBAT Max
Si32171CFB10SL0EVB
Wideband capable FXS with DTMF detection and pulse metering,
110 V Flyback (MOSFET transformer based) dc-dc converter EVB
–110 V
Si32176CPB10SL0EVB
Wideband FXS, 110 V PMOS buck-boost (PMOS FET and inductor
based) dc-dc converter EVB for VDC in the range 9.0 to 20.0 V
–110 V
Si32176CPB10SL3EVB Wideband FXS, 85 V PMOS buck-boost (PMOS FET and inductor based)
dc-dc converter EVB for VDC in the range 3.3 to 5.5 V
–85 V
Si32176CBB10SL0EVB
Wideband FXS, 100 V buck-boost (BJT inductor based) dc-dc converter
EVB
–100 V
Si32177CFB10SL0EVB
Wideband FXS, 138 V flyback (MOSFET transformer based) dc-dc con-
verter EVB
–138 V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com