Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1206-R100F Datasheet(PDF) 35 Page - Skyworks Solutions Inc.

Part # LCR1206-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1206-R100F Datasheet(HTML) 35 Page - Skyworks Solutions Inc.

Back Button LCR1206-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 32Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 33Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 34Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 35Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 36Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 37Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 38Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 39Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 46 page
background image
Si32172/3/5
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
35
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
13
MOSI
ISI Data Input
Input data from ISI.
14
DCFF
DC Feed-Forward/High Current General Purpose Output
Feed-forward drive of external bipolar transistors to improve dc-dc converter effi-
ciency
15
SDCH
DC Monitor
DC-DC converter monitor input used to detect overcurrent situations in the con-
verter
16
SDCL
DC Monitor
DC-DC converter monitor input used to detect overcurrent situations in the con-
verter.
17
DCDRV
DC Drive/Battery Switch
DC-DC converter control signal output which drives external bipolar transistor.
18
VDD
IC Voltage Supply
3.3 V supply for internal circuitry.
19
VDDREG
Regulated Core Power Supply
20
RST
Reset Input
Active low input. Hardware reset used to place all control registers in the default
state.
21
SVDC
DC-DC Input Voltage Sensor
Senses VDC input to dc-dc converter.
22
SVBAT
VBAT Sense
Analog current input used to sense voltage on dc-dc converter output voltage lead.
23
CAPLB
Calibration Capacitor
24
CAPP
SLIC Stabilization Capacitor
Capacitor used in low pass filter to stabilize SLIC feedback loops.
25
CAPM
SLIC Stabilization Capacitor
Capacitor used in low pass filter to stabilize SLIC feedback loops.
26
IREF
Current Reference Input
Connects to an external resistor used to provide a high accuracy reference current.
27
QGND
Quiet Ground Reference Input
28
VDD
IC Voltage Supply
3.3 V supply for internal circuitry.
29
STIPDC
TIP DC Sense
Analog current input used to sense voltage on the TIP lead.
30
STIPAC
TIP AC Sense Input
Analog ac input used to detect voltage on the TIP lead.
Pin #
Pin Name
Description



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com