Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1206-R100F Datasheet(PDF) 42 Page - Skyworks Solutions Inc.

Part # LCR1206-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1206-R100F Datasheet(HTML) 42 Page - Skyworks Solutions Inc.

Back Button LCR1206-R100F Datasheet HTML 38Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 39Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 40Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 41Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 42Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 43Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 44Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 45Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 46Page - Skyworks Solutions Inc.  
Zoom Inzoom in Zoom Outzoom out
 42 / 46 page
background image
Si32172/3/5
42
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
12.1. QFN PCB Design
1. PCB design must ensure sufficient thermal relief for high power operation of the device. See layout
guidelines in application note AN340 for further details.
2. A minimum of four vias are required under each E-Pad. Eight or more vias are recommended.
3. Via diameter should be between 0.20 and 0.31 mm.
4. Vias should either be filled or tented on the top side of the board to prevent solder thieving under the
device.
12.2. QFN Solder Mask Design
All metal pads are to be non-solder mask defined (NSMD). Clearance between the solder mask and the metal pad
is to be 60 µm minimum, all the way around the pad.
12.3. QFN Stencil Design
1. A stainless steel, laser-cut and electro-polished stencil with trapezoidal walls should be used to assure
good solder paste release.
2. The stencil thickness should be 0.125 mm (5 mils).
3. The ratio of stencil aperture to land pad size should be 1:1 for all perimeter pads.
4. A 1x2 array of 1.40 mm square openings on 1.7 mm pitch should be used for the top center pad and a 2x2
array of 1.35 mm square openings on 1.7 mm pitch should be used for the bottom center pad (as shown
below).
12.4. QFN Card Assembly
1. A No-Clean, Type-3 solder paste is recommended.
2. The recommended card reflow profile is per the JEDEC/IPC J-STD-020D specification for Small Body
Components.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com