Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1206-R100F Datasheet(PDF) 34 Page - Skyworks Solutions Inc.

Part # LCR1206-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1206-R100F Datasheet(HTML) 34 Page - Skyworks Solutions Inc.

Back Button LCR1206-R100F Datasheet HTML 30Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 31Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 32Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 33Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 34Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 35Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 36Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 37Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 38Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 46 page
background image
Si32172/3/5
34
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
8. Pin Descriptions: Si32172/3/5
Pin #
Pin Name
Description
1VDDIO
IO Voltage Supply (3.3 V or 1.8 V)
2NC
No Connection.
Do not connect.
3NC
No Connection.
Do not connect.
4NC
No Connection.
Do not connect.
5NC
No Connection.
Do not connect.
6NC
No Connection.
Do not connect.
7NC
No Connection.
Do not connect.
8
PSCLK
ISI Clock Input
Clock input for ISI bus timing.
9NC
No Connection.
Do not connect.
10
NC
No Connection
11
NC
No Connection
12
MISO
ISI Data Output
Output data to ISI.
2
3
4
5
6
7
8
9
10
11
12
13
14
15 16 17 18 19 20 21
22
23
24
25
26
27
28
29
30
31
32
33
34
35
36
37
38
39
40
41
VDDIO
NC
NC
NC
NC
PSCLK
MISO
MOSI
DCFF
SVBAT
CAPLB
CAPP
CAPM
IREF
QGND
VDD
STIPDC
STIPAC
SRINGAC
SRINGDC
GPIO2/SRINGC
GPIO1/STIPC
NC
EPAD2
EPAD1
1
42
NC
NC
NC
NC
NC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com