Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

LCR1206-R100F Datasheet(PDF) 4 Page - Skyworks Solutions Inc.

Part # LCR1206-R100F
Description  PROSLIC® SINGLE-CHIP FXS SOLUTION WITH INTEGRATED SERIAL INTERFACE (ISI)
PDF  46 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.

LCR1206-R100F Datasheet(HTML) 4 Page - Skyworks Solutions Inc.

  LCR1206-R100F Datasheet HTML 1Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 2Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 3Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 4Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 5Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 6Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 7Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 8Page - Skyworks Solutions Inc. LCR1206-R100F Datasheet HTML 9Page - Skyworks Solutions Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 46 page
background image
Si32172/3/5
4
Skyworks Solutions, Inc. • Phone [781] 376-3000 • Fax [781] 376-3100 • sales@skyworksinc.com • www.skyworksinc.com
Rev. 1.0 • Skyworks Proprietary Information • Products and Product Information are Subject to Change Without Notice • August 31, 2021
1. Electrical Specifications
Table 1. Recommended Operating Conditions1
Parameter
Symbol
Test Condition
Min*
Typ
Max*
Unit
Ambient Temperature
TA
F-grade
0
25
70
°C
G-grade
–40
25
85
°C
Silicon Junction Temperature,
QFN-42
TJHV
Linefeed Die
—
—
145
°C
Supply Voltage, Si32172/3/5
VDD
3.13
3.3
3.47
V
Battery Voltage, Si32172/52
VBAT
–110
–95
–15
V
Battery Voltage, Si321732
VBAT
–140
–130
–15
V
3.3 V IO Supply Voltage
VDDIO
3.13
3.3
3.47
V
1.8 V IO Supply Voltage
VDDIO
1.71
1.8
1.89
V
Notes:
1. All minimum and maximum specifications apply across the recommended operating conditions. Typical values apply at
nominal supply voltages and an operating temperature of 25 °C unless otherwise stated.
2. Operation at minimum voltage dependent upon loop conditions and dc-dc converter configuration.
Table 2. Power Supply Characteristics
TA = 0 to 70 °C (F grade) or –40 to +85 °C (G grade) unless otherwise noted.
Parameter
Symbol
Test Condition
Min
Typ
Max
Unit
Supply Currents:
Reset
IDD
VT and VR = Hi-Z , RST = 0
—
6.3
—
mA
IVBAT
—
0
—
mA
Supply Currents:
High Impedance,
Open
IDD
VT and VR = Hi-Z
—
20.8
—
mA
IVBAT
—
0.6
—
mA
Supply Currents:
Forward/Reverse,
On-hook
IDD
VTR =–48 V,
Automatic Power Save Mode enabled
—
10.8
—
mA
IVBAT
—
0.6
—
mA
Supply Currents:
Forward/Reverse,
On-hook
IDD
VTR =–48 V,
Automatic Power Save Mode disabled
—
31.2
—
mA
IVBAT
—
2.1
—
mA
Supply Currents:
Tip/Ring Open,
On-hook
IDD
VT or VR =–48 V
VR or VT = Hi-Z,
Automatic Power Save Mode enabled
—
10.9
—
mA
IVBAT
—
0.4
—
mA
Notes:
1. All specifications are for a single channel of Si3217x with a tracking flyback dc-dc converter.
2. ILOOP is the dc current in the subscriber loop during the off-hook state.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com