Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016BEUI Datasheet(PDF) 21 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 21 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 17Page - Microchip Technology SST26VF016BEUI Datasheet HTML 18Page - Microchip Technology SST26VF016BEUI Datasheet HTML 19Page - Microchip Technology SST26VF016BEUI Datasheet HTML 20Page - Microchip Technology SST26VF016BEUI Datasheet HTML 21Page - Microchip Technology SST26VF016BEUI Datasheet HTML 22Page - Microchip Technology SST26VF016BEUI Datasheet HTML 23Page - Microchip Technology SST26VF016BEUI Datasheet HTML 24Page - Microchip Technology SST26VF016BEUI Datasheet HTML 25Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 21
SST26VF016BEUI
5.12
SPI Dual-Output Read
The SPI Dual-Output Read instruction supports fre-
quencies of up to 80 or 104 MHz with additional dummy
input cycles prior to first data byte output. Initiate SPI
Dual-Output Read by executing an 8-bit command,
3BH, followed by address bits A[23-0] and a dummy
byte. CE# must remain active low for the duration of the
SPI Dual-Output Read operation. See Figure 5-13 for
the SPI Quad Output Read sequence.
Following the dummy byte, SST26VF016BEUI outputs
data from SIO[1:0] starting from the specified address
location. The device continually streams data output
through all addresses until terminated by a low-to-high
transition on CE#. The internal address pointer auto-
matically increments until the highest memory address
is reached, at which point the address pointer returns
to the beginning of the address space.
FIGURE 5-13:
FAST READ, DUAL-OUTPUT SEQUENCE
5.13
SPI Dual I/O Read
The SPI Dual I/O Read (SDIOR) instruction supports
up to 80 MHz frequency. Initiate SDIOR by executing
an 8-bit command, BBH. The device then switches to
2-bit I/O mode for address bits A[23-0], followed by the
Set Mode configuration bits M[7:0].CE# must remain
active low for the duration of the SPI Dual I/O Read.
See Figure 5-14 for the SPI Dual I/O Read sequence.
Following the Set Mode configuration bits, the
SST26VF016BEUI outputs data from the specified
address location. The device continually streams data
output through all addresses until terminated by a low-
to-high transition on CE#. The internal address pointer
automatically increments until the highest memory
address is reached, at which point the address pointer
returns to the beginning of the address space.
The Set Mode Configuration bit M[7:0] indicates if the
next instruction cycle is another SPI Dual I/O Read
command. When M[7:0] = AXH, the device expects the
next continuous instruction to be another SDIOR com-
mand, BBH, and does not require the op-code to be
entered again. The host may set the next SDIOR cycle
by driving CE# low, then sending the two-bit wide input
for address A[23:0], followed by the Set Mode configu-
ration bits M[7:0]. After the Set Mode Configuration bits,
the device outputs the data starting from the specified
address location. There are no restrictions on address
location access.
When M[7:0] is any value other than AXH, the device
expects the next instruction initiated to be a command
instruction. To reset/exit the Set Mode configuration,
execute the Reset Quad I/O command, FFH. See Fig-
ure 5-15 for the SPI Dual I/O Read sequence when
M[7:0] = AXH.
CE#
SIO0
SCK
012345678
31 32
24
MODE 3
MODE 0
15 16
23
3BH
20005262 F52.3
39 40 41
A[23:16]
A[15:8]
A[7:0]
b6 b5
b6 b5
SIO1
Address
OP Code
Data
Byte 0
Dummy
Data
Byte N
b3 b1
b3 b1
b7 b4
b7 b4
b2 b0
b2 b0
MSB
X
Note: MSB = Most Significant Bit.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com