Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016BEUI Datasheet(PDF) 73 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 73 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 69Page - Microchip Technology SST26VF016BEUI Datasheet HTML 70Page - Microchip Technology SST26VF016BEUI Datasheet HTML 71Page - Microchip Technology SST26VF016BEUI Datasheet HTML 72Page - Microchip Technology SST26VF016BEUI Datasheet HTML 73Page - Microchip Technology SST26VF016BEUI Datasheet HTML 74Page - Microchip Technology SST26VF016BEUI Datasheet HTML 75Page - Microchip Technology SST26VF016BEUI Datasheet HTML 76Page - Microchip Technology SST26VF016BEUI Datasheet HTML 77Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 73 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 73
SST26VF016BEUI
If the sign bit is zero, then the number is greater than or
equal to zero, or positive. If the sign bit is one, then the
number is less than zero, or negative.
See Table 11-4 for an example of this formula.
TABLE 11-4:
BPSL/BPEL EQUATION WITH ACTUAL CONSTANT ADDER DERIVED FROM THE
FORMULA (2M + 1) + (C)
Block Size
8 Mbit to 128 Mbit
Comments
8 KByte (Type 2) Bottom
BPSL = (2m + 1) + 0FFH
BPEL = (2m + 1) + 04H
0FFH = -1; 06H = 6
Odd address bits are Read-Lock bit
locations and even address bits are
Write-Lock bit locations.
32 KByte (Type3)
BPSL = BPEL= (2m + 1) + 0FDH
0FDH= -3
64 KByte (Type 4)
BPSL = 00H
BPEL = (2m + 1) + 0FCH
00H is Block-Protection Register bit 0
location; 0FCH = -4
32 KByte (Type 3)
BPSL = BPEL= (2m + 1) + 0FEH
0FEH=-2
8 KByte (Type 2) Top
BPSL = (2m + 1) + 07H
BPEL = (2m + 1) + 0EH
07H = 7; 0EH = 14
Odd address bits are Read-Lock bit
locations and even address bits are
Write-Lock bit locations.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com