Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016BEUI Datasheet(PDF) 28 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 28 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 24Page - Microchip Technology SST26VF016BEUI Datasheet HTML 25Page - Microchip Technology SST26VF016BEUI Datasheet HTML 26Page - Microchip Technology SST26VF016BEUI Datasheet HTML 27Page - Microchip Technology SST26VF016BEUI Datasheet HTML 28Page - Microchip Technology SST26VF016BEUI Datasheet HTML 29Page - Microchip Technology SST26VF016BEUI Datasheet HTML 30Page - Microchip Technology SST26VF016BEUI Datasheet HTML 31Page - Microchip Technology SST26VF016BEUI Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 28
SST26VF016BEUI
5.21
SPI Quad Page-Program
The SPI Quad Page-Program instruction programs up
to 256 Bytes of data in the memory. The data for the
selected page address must be in the erased state
(FFH) before initiating the SPI Quad Page-Program
operation. A SPI Quad Page-Program applied to a pro-
tected
memory
area
will
be
ignored.
SST26VF016BEUI requires the ICO bit in the configu-
ration register to be set to ‘1’ prior to executing the com-
mand. Prior to the program operation, execute the
WREN instruction.
To execute a SPI Quad Page-Program operation, the
host drives CE# low then sends the SPI Quad Page-
Program command cycle (32H), three address cycles
followed by the data to be programmed, then drives
CE# high. The programmed data must be between 1 to
256 Bytes and in whole Byte increments. The com-
mand cycle is eight clocks long, the address and data
cycles are each two clocks long, most significant bit
first. Poll the BUSY bit in the Status register, or wait TPP,
for the completion of the internal, self-timed, Write
operation.See Figure 5-27.
When executing SPI Quad Page-Program, the memory
range for the SST26VF016BEUI is divided into 256
Byte page boundaries. The device handles shifting of
more than 256 Bytes of data by maintaining the last 256
Bytes of data as the correct data to be programmed. If
the target address for the SPI Quad Page-Program
instruction is not the beginning of the page boundary
(A[7:0] are not all zero), and the of bytes of data input
exceeds or overlaps the end of the address of the page
boundary, the excess data inputs wrap around and will
be programmed at the start of that target page.
FIGURE 5-27:
SPI QUAD PAGE-PROGRAM SEQUENCE
5.22
Write-Suspend and Write-Resume
Write-Suspend allows the interruption of Sector-Erase,
Block-Erase, SPI Quad Page-Program, or Page-Pro-
gram operations in order to erase, program, or read
data in another portion of memory. The original opera-
tion can be continued with the Write-Resume com-
mand. This operation is supported in both SQI and SPI
protocols.
Only one write operation can be suspended at a time;
if an operation is already suspended, the device will
ignore the Write-Suspend command. Write-Suspend
during Chip-Erase is ignored; Chip-Erase is not a valid
command while a write is suspended. The Write-
Resume command is ignored until any write operation
(Program or Erase) initiated during the Write-Suspend
is complete. The device requires a minimum of 500 µs
between each Write-Suspend command.
5.23
Write-Suspend During Sector-
Erase or Block-Erase
Issuing a Write-Suspend instruction during Sector-
Erase or Block-Erase allows the host to program or
read any sector that was not being erased. The device
will ignore any programming commands pointing to the
suspended sector(s). Any attempt to read from the sus-
pended sector(s) will output unknown data because the
Sector- or Block-Erase will be incomplete.
To execute a Write-Suspend operation, the host drives
CE# low, sends the Write Suspend command cycle
(B0H), then drives CE# high. The Status register indi-
cates that the erase has been suspended by changing
the WSE bit from ‘0’ to ‘1,’ but the device will not accept
another command until it is ready. To determine when
the device will accept a new command, poll the BUSY
bit in the Status register or wait TWS.
A20A16A12 A8 A4 A0 b4 b0
CE#
SIO0
SCK
012345678
16 17
12
MODE 3
MODE 0
91011
32H
20005262 F61.1
SIO1
SIO2
SIO3
Address
Data
Byte 1
15
13 14
A21 A17A13 A9 A5 A1 b5 b1 b5 b1
b5 b1
A22 A18A14A10 A6 A2 b6 b2 b6 b2
b6 b2
A23 A19 A15 A11 A7 A3 b7 b3 b7 b3
b7 b3
Data
Byte 0
Data
Byte
255
MSN LSN
b4 b0
b4 b0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com