Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016BEUI Datasheet(PDF) 72 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 72 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 68Page - Microchip Technology SST26VF016BEUI Datasheet HTML 69Page - Microchip Technology SST26VF016BEUI Datasheet HTML 70Page - Microchip Technology SST26VF016BEUI Datasheet HTML 71Page - Microchip Technology SST26VF016BEUI Datasheet HTML 72Page - Microchip Technology SST26VF016BEUI Datasheet HTML 73Page - Microchip Technology SST26VF016BEUI Datasheet HTML 74Page - Microchip Technology SST26VF016BEUI Datasheet HTML 75Page - Microchip Technology SST26VF016BEUI Datasheet HTML 76Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 72
SST26VF016BEUI
Classifying these sector/block sizes via the Sector
Type derived from JEDEC Flash Parameter Table:
SFDP address locations 4EH, 50H, and 52His as fol-
lows:
• 8 KByte Blocks are classified as Sector Type 2
(@4EH of SFDP)
• 32 KByte Blocks are classified as Sector Type 3
(@50H of SFDP)
• 64 KByte Blocks are classified as Sector Type 4
(@52H of SFDP)
For the Number of Sectors associated with the contig-
uous sectors/blocks, a formula is used to determine the
number of sectors/blocks of these Sector Types:
• 8KByte Block (Type 2) is calculated by 2n. n is a
byte.
• 32KByte Block (Type 3) is calculated by 2n. n is a
byte.
• 64KByte Block (Type 4) is calculated by (2m - 2).
m can either be a 4, 5, 6, 7 or 8 depending on the
memory size. This m field is going to be used for
the 64KByte Block Section and will also be used
for the Block Protection Register Bit Location for-
mula.
m will have a constant value for specific densities and
is defined as:
• 8Mbit = 4
• 16Mbit = 5
• 32Mbit = 6
• 64Mbit = 7
• 128Mbit = 8
Block Protect Register Start/End Bits are mapped in the
SFDP by using the formula (2m + 1) + (c). “m” is a con-
stant value that represents the different densities from
8Mbit to 128Mbit (used also in the formula calculating
number of 64Kbyte Blocks above). The values that are
going to be placed in the Block Protection Bit Start/End
field table are the constant value adder (c) in the for-
mula and are represented in two’s compliment except
when the value is 00H. If the value is 00H, this location
is the 0 bit location. If the value is other than 0, then this
is a constant value adder (c) that will be used in the for-
mula. The most significant (left most) bit indicates the
sign of the integer; it is sometimes called the sign bit.
32 KByte
Section 2: Sector Type Number
Section 2: Number of Sectors
Section 2: Block-Protection Register Bit Start Location
Section 2: Block-Protection Register Bit End Location
64 KByte
Section 3: Sector Type Number
Section 3: Number of Sectors
Section 3: Block-Protection Register Bit Start Location
Section 3: Block-Protection Register Bit End Location
32 KByte
Section 4: Sector Type Number
Section 4: Number of Sectors
Section 4: Block-Protection Register Bit Start Location
Section 4: Block-Protection Register Bit End Location
8 KByte (Top Block)
Section 5: Sector Type Number
Section 5: Number of Sectors
Section 5: Block-Protection Register Bit Start Location
Section 5: Block-Protection Register Bit End Location
TABLE 11-3:
MEMORY BLOCK DIAGRAM REPRESENTATION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com