Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016BEUI Datasheet(PDF) 49 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 49 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 45Page - Microchip Technology SST26VF016BEUI Datasheet HTML 46Page - Microchip Technology SST26VF016BEUI Datasheet HTML 47Page - Microchip Technology SST26VF016BEUI Datasheet HTML 48Page - Microchip Technology SST26VF016BEUI Datasheet HTML 49Page - Microchip Technology SST26VF016BEUI Datasheet HTML 50Page - Microchip Technology SST26VF016BEUI Datasheet HTML 51Page - Microchip Technology SST26VF016BEUI Datasheet HTML 52Page - Microchip Technology SST26VF016BEUI Datasheet HTML 53Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 49
SST26VF016BEUI
9.2
Packaging Diagrams
C
SEATING
PLANE
END VIEW
BOTTOM VIEW
0.10 C
Microchip Technology Drawing C04-1136 Rev A Sheet 1 of 2
8X
For the most current package drawings, please see the Microchip Packaging Specification located at
http://www.microchip.com/packaging
Note:
8-Lead Small Outline Integrated Circuit Package (EQA) - 3.90 mm (1.50 In) Body [SOIC]
With 3.10x2.41 mm Exposed Pad
A1
A2
A
D
E
e
B
A
E1
E
2
E1
2
D1
E2
0.10 C
SIDE VIEW
TOP VIEW
0.18 C
2X
0.09 C D
2X
0.09 C A-B
2X
NOTE 1
D
h
h
SEE
DETAIL A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com