Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016BEUI Datasheet(PDF) 26 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 26 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 22Page - Microchip Technology SST26VF016BEUI Datasheet HTML 23Page - Microchip Technology SST26VF016BEUI Datasheet HTML 24Page - Microchip Technology SST26VF016BEUI Datasheet HTML 25Page - Microchip Technology SST26VF016BEUI Datasheet HTML 26Page - Microchip Technology SST26VF016BEUI Datasheet HTML 27Page - Microchip Technology SST26VF016BEUI Datasheet HTML 28Page - Microchip Technology SST26VF016BEUI Datasheet HTML 29Page - Microchip Technology SST26VF016BEUI Datasheet HTML 30Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 26
SST26VF016BEUI
5.19
Chip-Erase
The Chip-Erase instruction clears all bits in the device
to ‘1.’ The Chip-Erase instruction is ignored if any of the
memory area is protected. Prior to any write operation,
execute the WREN instruction.
To execute a Chip-Erase operation, the host drives
CE# low, sends the Chip-Erase command cycle (C7H),
then drives CE# high. Poll the BUSY bit in the Status
register, or wait TSCE, for the completion of the internal,
self-timed, Write operation. See Figures 5-23 and 5-24
for the Chip Erase sequence.
FIGURE 5-23:
CHIP-ERASE SEQUENCE (SQI)
FIGURE 5-24:
CHIP-ERASE SEQUENCE (SPI)
20005262 9.1
MODE 3
0
1
SCK
SIO(3:0)
CE#
C1 C0
MODE 0
Note: C[1:0] = C7H
CE#
SO
SI
SCK
01 2 3 4 5 6 7
C7
HIGH IMPEDANCE
MODE 0
MODE 3
20005262 F59.0
MSB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com