Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016BEUI Datasheet(PDF) 37 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 37 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 33Page - Microchip Technology SST26VF016BEUI Datasheet HTML 34Page - Microchip Technology SST26VF016BEUI Datasheet HTML 35Page - Microchip Technology SST26VF016BEUI Datasheet HTML 36Page - Microchip Technology SST26VF016BEUI Datasheet HTML 37Page - Microchip Technology SST26VF016BEUI Datasheet HTML 38Page - Microchip Technology SST26VF016BEUI Datasheet HTML 39Page - Microchip Technology SST26VF016BEUI Datasheet HTML 40Page - Microchip Technology SST26VF016BEUI Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 37
SST26VF016BEUI
5.36
Non-Volatile Write-Lock Lock-
Down Register (nVWLDR)
The Non-Volatile Write-Lock Lock-Down Register
(nVWLDR) instruction controls the ability to change the
Write-Lock bits in the Block-Protection register. Exe-
cute WREN before initiating the nVWLDR instruction.
To execute nVWLDR, the host drives CE# low, then
sends the nVWLDR command cycle (E8H), followed by
18 cycles of data, and then drives CE# high.
After CE# goes high, the non-volatile bits are pro-
grammed and the programming time-out must com-
plete before any additional commands, other than
Read Status Register, can be entered. Poll the BUSY
bit in the Status register, or wait TPP, for the completion
of the internal, self-timed, Write operation. Data inputs
must be most significant bit(s) first.
FIGURE 5-42:
WRITE-LOCK LOCK-DOWN REGISTER SEQUENCE (SQI)
FIGURE 5-43:
WRITE-LOCK LOCK-DOWN REGISTER SEQUENCE (SPI)
20005262 F36.0
MODE 3
0
SCK
SIO(3:0)
CE#
E8
MODE 0
2
H0 L0
MSN LSN
4
H1 L1
6
H2 L2
8
H3 L3
10
H4 L4
12
H5 L5
HN LN
nVWLDR[m:m-7]
BPR [7:0]
Note: MSN= Most Significant Nibble; LSN = Least Significant Nibble
Write-Lock Lock-Down Register (nVWLDR) m = 47
CE#
SO
SI
SCK
Data Byte0
01 2 3 4 5 6 7 8
Data Byte1
Data Byte2
Data ByteN
E8H
15 16
23 24
31 32
MODE 0
MODE 3
OP Code
20005262 F69.1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com