Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016BEUI Datasheet(PDF) 68 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 68 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 64Page - Microchip Technology SST26VF016BEUI Datasheet HTML 65Page - Microchip Technology SST26VF016BEUI Datasheet HTML 66Page - Microchip Technology SST26VF016BEUI Datasheet HTML 67Page - Microchip Technology SST26VF016BEUI Datasheet HTML 68Page - Microchip Technology SST26VF016BEUI Datasheet HTML 69Page - Microchip Technology SST26VF016BEUI Datasheet HTML 70Page - Microchip Technology SST26VF016BEUI Datasheet HTML 71Page - Microchip Technology SST26VF016BEUI Datasheet HTML 72Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 68
SST26VF016BEUI
23EH
A20:A16
06H
(4-4-4) SQI nB Burst with Wrap Number of Wait states (dummy
clocks) needed before valid output
00110b: 6 clocks of dummy cycle
A23:A21
(4-4-4) SQI nB Burst with Wrap Number of Mode Bits
000b: Set Mode bits are not supported
23FH
A31:A24
0CH
(4-4-4) SQI nB Burst with Wrap Opcode
240H
A4:A0
00H
(1-1-1) Read Memory Number of Wait states (dummy clocks) needed
before valid output
00000b: Wait states/dummy clocks are not supported.
A7:A5
(1-1-1) Read Memory Number of Mode Bits
000b: Mode bits are not supported,
241H
A15:A8
03H
(1-1-1) Read Memory Opcode
242H
A20:A16
08H
(1-1-1) Read Memory at Higher Speed Number of Wait states
(dummy clocks) needed before valid output
01000: 8 clocks (8 bits) of dummy cycle
A23:A21
(1-1-1) Read Memory at Higher Speed Number of Mode Bits
000b: Mode bits are not supported,
243H
A31:A24
0BH
(1-1-1) Read Memory at Higher Speed Opcode
244H
A7:A0
FFH
Reserved. Bits default to all 1’s.
245H
A15:A8
FFH
Reserved. Bits default to all 1’s.
246H
A23:A16
FFH
Reserved. Bits default to all 1’s.
247H
A31:A24
FFH
Reserved. Bits default to all 1’s.
Security ID
248H
A7:A0
FFH
Security ID size in bytes
Example: If the size is 2 KBytes, this field would be 07FFH
249H
A15:A8
07H
24AH
A23:A16
FFH
Reserved. Bits default to all 1’s.
24BH
A31:A24
FFH
Reserved. Bits default to all 1’s.
Memory Organization/Block Protection Bit Mapping 1
24CH
A7:A0
02H
Section 1: Sector Type Number:
Sector type in JEDEC Parameter Table (bottom, 8 KByte)
24DH
A15:A8
02H
Section 1 Number of Sectors
Four of 8KB block (2n)
24EH
A23:A16
FFH
Section 1 Block Protection Bit Start
((2m) +1)+ c, c=FFH or -1, m= 5 for 16Mb
Address bits are Read Lock bit locations and Even Address bits are Write
Lock bit locations. The most significant (left-most) bit indicates the sign of
the integer; it is sometimes called the sign bit. If the sign bit is zero, then
the number is greater than or equal to zero, or positive. If the sign bit is
one then the number is less than zero or negative.
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (CONTINUED) (14 OF 16)
Address
Bit Address
Data
Comments
Security ID Range
Unique ID
(Pre-programmed at factory)
0000H - 0007H
User Programmable
0008H - 07FFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com