Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016BEUI Datasheet(PDF) 57 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 57 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 53Page - Microchip Technology SST26VF016BEUI Datasheet HTML 54Page - Microchip Technology SST26VF016BEUI Datasheet HTML 55Page - Microchip Technology SST26VF016BEUI Datasheet HTML 56Page - Microchip Technology SST26VF016BEUI Datasheet HTML 57Page - Microchip Technology SST26VF016BEUI Datasheet HTML 58Page - Microchip Technology SST26VF016BEUI Datasheet HTML 59Page - Microchip Technology SST26VF016BEUI Datasheet HTML 60Page - Microchip Technology SST26VF016BEUI Datasheet HTML 61Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 57
SST26VF016BEUI
32H
A16
F1H
Supports (1-1-2) Fast Read
0:
(1-1-2) Fast Read NOT supported
1:
(1-1-2) Fast Read supported
A18:A17
Address Bytes
Number of bytes used in addressing flash array read, write and erase
00: 3-Byte only addressing
01: 3- or 4-Byte addressing (e.g. defaults to 3-Byte mode; enters 4-Byte
mode on command)
10: 4-Byte only addressing
11: Reserved
A19
Supports Double Transfer Rate (DTR) Clocking
Indicates the device supports some type of double transfer rate clocking.
0:
DTR NOT supported
1:
DTR Clocking supported
A20
Supports (1-2-2) Fast Read
Device supports single input opcode, dual input address, and dual output
data Fast Read.
0:
(1-2-2) Fast Read NOT supported.
1:
(1-2-2) Fast Read supported.
A21
Supports (1-4-4) Fast Read
Device supports single input opcode, quad input address, and quad out-
put data Fast Read
0:
(1-4-4) Fast Read NOT supported.
1:
(1-4-4) Fast Read supported.
A22
Supports (1-1-4) Fast Read
Device supports single input opcode & address and quad output data
Fast Read.
0:
(1-1-4) Fast Read NOT supported.
1:
(1-1-4) Fast Read supported.
A23
Unused. Contains ‘1’ can not be changed.
33H
A31:A24
FFH
Unused. Contains FF can not be changed
JEDEC Flash Parameter Table: 2nd DWORD
34H
A7:A0
FFH
Flash Memory Density
SST26VF016BEUI = 00FFFFFFH
35H
A15:A8
FFH
36H
A23:A16
FFH
37H
A31:A24
00H
JEDEC Flash Parameter Table: 3rd DWORD
38H
A4:A0
44H
(1-4-4) Fast Read Number of Wait states (dummy clocks) needed
before valid output
00100b: 4 dummy clocks (16 dummy bits) are needed with a quad input
address phase instruction
A7:A5
Quad Input Address Quad Output (1-4-4) Fast Read Number of Mode
Bits
010b: 2 dummy clocks (8 mode bits) are needed with a single input
opcode, quad input address and quad output data Fast Read Instruction.
39H
A15:A8
EBH
(1-4-4) Fast Read Opcode
Opcode for single input opcode, quad input address, and quad output
data Fast Read.
TABLE 11-1:
SERIAL FLASH DISCOVERABLE PARAMETER (SFDP) (CONTINUED) (3 OF 16)
Address
Bit Address
Data
Comments



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com