Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

SST26VF016BEUI Datasheet(PDF) 13 Page - Microchip Technology

Part # SST26VF016BEUI
Description  16 Mbit Serial Quad I/O (SQI) Flash Memory with EUI-48™ and EUI-64™ Identifier
PDF  78 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

SST26VF016BEUI Datasheet(HTML) 13 Page - Microchip Technology

Back Button SST26VF016BEUI Datasheet HTML 9Page - Microchip Technology SST26VF016BEUI Datasheet HTML 10Page - Microchip Technology SST26VF016BEUI Datasheet HTML 11Page - Microchip Technology SST26VF016BEUI Datasheet HTML 12Page - Microchip Technology SST26VF016BEUI Datasheet HTML 13Page - Microchip Technology SST26VF016BEUI Datasheet HTML 14Page - Microchip Technology SST26VF016BEUI Datasheet HTML 15Page - Microchip Technology SST26VF016BEUI Datasheet HTML 16Page - Microchip Technology SST26VF016BEUI Datasheet HTML 17Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 78 page
background image
 2019 Microchip Technology Inc.
DS20006153A-page 13
SST26VF016BEUI
WRSU
Suspends Program/Erase
B0H
X
X
0
0
0
104MHz
/ 80 MHz
WRRE
Resumes Program/Erase
30H
X
X
0
0
0
Protection
RBPR
Read Block-Protection
Register
72H
X
0
0
1 to
6
104MHz
/ 80 MHz
X
0
1
1 to
6
WBPR
Write Block-Protection
Register
42H
X
X
0
0
1 to 6
LBPR
Lock Down
Block-Protection
Register
8DH
X
X
0
0
0
nVWLDR
non-Volatile Write Lock-
Down Register
E8H
X
X
0
0
1 to 6
ULBPR
Global Block Protection
Unlock
98H
X
X
0
0
0
RSID
Read Security ID
88H
X
2
1
1 to 2048
X
2
3
1 to 2048
PSID
Program User
Security ID area
A5H
X
X
2
0
1 to 256
LSID
Lockout Security ID Pro-
gramming
85H
X
X
0
0
0
Power Saving
DPD
Deep Power-down Mode
B9H
X
X
0
0
0
104MHz
/ 80 MHz
RDPD
Release from Deep Power-
down and Read ID
ABH
X
X
3
0
1 to
1. Command cycle is two clock periods in SQI mode and eight clock periods in SPI mode.
2. Address bits above the most significant bit of each density can be VIL or VIH.
3. Address, Dummy/Mode bits, and Data cycles are two clock periods in SQI and eight clock periods in SPI mode.
4. The max frequency for all instructions is up to 104 MHz from 2.7-3.6V and up to 80 MHz from 2.3-3.6V unless otherwise noted.
5. RST command only executed if RSTEN command is executed first. Any intervening command will disable Reset.
6. Device accepts eight-clock command in SPI mode, or two-clock command in SQI mode.
7. Data cycles are two clock periods. IOC bit must be set to ‘1’ before issuing the command.
8. Address, Dummy/Mode bits, and data cycles are two clock periods. IOC bit must be set to ‘1’ before issuing the command.
9. Data cycles are four clock periods.
10. Address, Dummy/Mode bits, and Data cycles are four clock periods.
11. Sector Addresses: Use AMS - A12, remaining address are don’t care, but must be set to VIL or VIH.
12. Blocks are 64 KByte, 32 KByte, or 8KByte, depending on location. Block Erase Address: AMS - A16 for 64 KByte; AMS - A15
for 32 KByte; AMS - A13 for 8 KByte. Remaining addresses are don’t care, but must be set to VIL or VIH.
TABLE 5-1:
DEVICE OPERATION INSTRUCTIONS FOR SST26VF016BEUI
Instruction Description
Command
Cycle1
Mode
Address
Cycle(s)2, 3
Dummy
Cycle(s)3
Data
Cycle(s)3
Max4
Freq
SPI
SQI



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com