Electronic Components Datasheet Search
  Indian  ▼
ALLDATASHEET.IN

X  

ADAF1080BCPZ Datasheet(PDF) 26 Page - Analog Devices

Part # ADAF1080BCPZ
Description  Integrated 8 mT AMR Magnetic Field Sensor and Signal Conditioner
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADAF1080BCPZ Datasheet(HTML) 26 Page - Analog Devices

Back Button ADAF1080BCPZ Datasheet HTML 22Page - Analog Devices ADAF1080BCPZ Datasheet HTML 23Page - Analog Devices ADAF1080BCPZ Datasheet HTML 24Page - Analog Devices ADAF1080BCPZ Datasheet HTML 25Page - Analog Devices ADAF1080BCPZ Datasheet HTML 26Page - Analog Devices ADAF1080BCPZ Datasheet HTML 27Page - Analog Devices ADAF1080BCPZ Datasheet HTML 28Page - Analog Devices ADAF1080BCPZ Datasheet HTML 29Page - Analog Devices ADAF1080BCPZ Datasheet HTML 30Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 36 page
background image
Data Sheet
ADAF1080
APPLICATIONS INFORMATION
analog.com
Rev. 0 | 26 of 36
RATIOMETRIC OUTPUT CONFIGURATION
The typical applications of the ADAF1080 are designed to be
ratiometric to the supply voltage to prevent any power supply varia-
tions from corrupting the magnetic field measurements. As outlined
previously in the AMR Magnetic Field Sensor section, the output of
the ADAF1080 can be described by the following equation:
VOUT=BSENSE×SDEVICE×VDD5+VSET2 (5)
The typical transfer function of an n-bit ADC can be simplified to the
following equation:
Digital
 Code=  VINREFADC×2n
(6)
where:
VIN is the voltage applied to the input pin of the ADC.
REFADC is the reference voltage of the ADC.
n is the number of bits of the ADC.
Therefore, by connecting REFADC, VDD, and VSET together, as
shown in Figure 51, the resulting conversion code is equivalent to
the following:
Output
 Code=
BSENSE×SDEVICE×VDD5+VDD2
VDD
×2n
=BSENSE×SDEVICE×2n5+2n−1
=BSENSE×SDEVICE×2n5+Midcode
(7)
The converted result is independent of the supply voltage and sup-
ply voltage variation. Due to the ratiometric configuration, precision
measurements can be achieved.
Figure 51. Simplified Schematic of a Ratiometric Configuration
AMPLIFIER SYNCHRONIZATION
The ADAF1080 integrates a precision zero-drift instrumentation
amplifier that removes the offset and low frequency noise (1/f) noise
of the internal circuitry at low frequencies but adds output ripple
at the chopping frequency. This output ripple can be reduced with
an output filter designed to get 20 dB attenuation at the chopping
frequency.
Applications that require a wide bandwidth, or a fast response and
low-phase delay behavior, can synchronize the sampling of the
ADC to the chopping frequency of the ADAF1080 to sample the
output after the output ripple settles. This synchronizing of the ADC
sampling to the chopping frequency enables the use of a wider
bandwidth output filter while keeping the advantages of a zero-drift
instrumentation amplifier.
The synchronization functionality can be enabled by driving the
SYNC_EN pin to VDD and driving the SYNC pin of the ADAF1080
by the convert input (CNV signal) of the ADC. The ADAF1080
internally generates a chopping clock frequency, fCHOP = fSYNC/4.
This chopping clock is internally delayed by 50 ns to ensure that the
chopping action of the amplifier follows the sampling action of the
ADC aligned to the SYNC clock. Therefore, the ADC samples the
fully settled ADAF1080 output before the next chopping action that
triggers an output settling event. See Figure 54 for the system-level
timing diagram.
Figure 52. Synchronization of the ADC Sampling and the Chopping of the
Amplifier
Applications that use a slower ADC sampling clock can generate a
secondary clock from the SYNC clock, as shown in Figure 53.
Figure 53. Generate CNV Signal for the ADC from SYNC Clock
In this case, the SYNC_EN transition from low to high can be used
to indicate which rising edge of the SYNC signal must be used for
the internal chopping signal for the PGIA so that the ADC has the
longest settling time before sampling.
When SYNC_EN goes high, the next rising edge of the SYNC
clock triggers the falling edge of the internal chopping clock after an
internal delay of 50 ns, as shown in Figure 54.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com